Electronic Components Datasheet Search
  English  ▼

X  

IR20153SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR20153SPBF
Description  HIGH SIDE DRIVER WITH RECHARGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR20153SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR20153SPBF Datasheet HTML 5Page - International Rectifier IR20153SPBF Datasheet HTML 6Page - International Rectifier IR20153SPBF Datasheet HTML 7Page - International Rectifier IR20153SPBF Datasheet HTML 8Page - International Rectifier IR20153SPBF Datasheet HTML 9Page - International Rectifier IR20153SPBF Datasheet HTML 10Page - International Rectifier IR20153SPBF Datasheet HTML 11Page - International Rectifier IR20153SPBF Datasheet HTML 12Page - International Rectifier IR20153SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.irf.com
9
IR20153S & (PbF)
Figure 3a. Ton_rech and Toff_rech Test Circuit
Figure 3. Switching Time Test Circuit
VCC
VB
IN-
HOH
GND
HOL
RESET-
VS
5V
7V
6.8nF
50ohm
50ohm
VCC
VB
IN-
HOH
GND
HOL
RESET-
VS
5V
7V
6.8nF
50ohm
50ohm
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com