Electronic Components Datasheet Search
  English  ▼

X  

IR20153SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR20153SPBF
Description  HIGH SIDE DRIVER WITH RECHARGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR20153SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR20153SPBF Datasheet HTML 7Page - International Rectifier IR20153SPBF Datasheet HTML 8Page - International Rectifier IR20153SPBF Datasheet HTML 9Page - International Rectifier IR20153SPBF Datasheet HTML 10Page - International Rectifier IR20153SPBF Datasheet HTML 11Page - International Rectifier IR20153SPBF Datasheet HTML 12Page - International Rectifier IR20153SPBF Datasheet HTML 13Page - International Rectifier IR20153SPBF Datasheet HTML 14Page - International Rectifier IR20153SPBF Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.irf.com
13
IR20153S & (PbF)
50
75
100
125
150
175
-50
0
50
100
150
Temperature (oC)
Figure 16. High Logic Level RES Input Resistance
vs. Temperature, VBS=7V
8
9
10
11
12
-50
0
50
100
150
Temperature (oC)
Figure 17. Recharge Transistor Turn-on
Propagation Delay vs. Temperature, VBS=7V
200
220
240
260
280
300
320
-50
0
50
100
150
Temperature (oC)
Figure 18. Recharge Transistor Turn-off
Propagation Delay vs. Temperature, VBS=7V
8
8.5
9
9.5
10
10.5
11
-50
0
50
100
150
Temperature (oC)
Figure 19. High Side Turn-off to Recharge Gate
Turn-on vs. Temperature, VBS=7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com