Electronic Components Datasheet Search
  English  ▼

X  

AD8045ARDZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 3Page - Analog Devices AD8045ARDZ Datasheet HTML 4Page - Analog Devices AD8045ARDZ Datasheet HTML 5Page - Analog Devices AD8045ARDZ Datasheet HTML 6Page - Analog Devices AD8045ARDZ Datasheet HTML 7Page - Analog Devices AD8045ARDZ Datasheet HTML 8Page - Analog Devices AD8045ARDZ Datasheet HTML 9Page - Analog Devices AD8045ARDZ Datasheet HTML 10Page - Analog Devices AD8045ARDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
AD8045
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 4
Common-Mode Input Voltage
−VS − 0.7 V to +VS + 0.7 V
Differential Input Voltage
±VS
Exposed Paddle Voltage
−VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions; that is, θJA is specified
for the device soldered in the circuit board for surface-mount
packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
SOIC
80
30
°C/W
LFCSP
93
35
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the AD8045 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150°C, which is the glass transition temperature,
the properties of the plastic change. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the AD8045. Exceeding a junction temperature of 175°C for
an extended period of time can result in changes in silicon devices,
potentially causing degradation or loss of functionality.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
die due to the AD8045 drive at the output. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS).
PD = Quiescent Power + (Total Drive Power – Load Power)
(
)
L
2
OUT
L
OUT
S
S
S
D
R
V
–
R
V
2
V
I
V
P


×
+
×
=
RMS output voltages should be considered. If RL is referenced
to −VS, as in single-supply operation, the total drive power is
VS × IOUT. If the rms signal levels are indeterminate, consider
the worst case, when VOUT = VS/4 for RL to midsupply.
(
) (
)
L
S
S
S
D
R
/
V
I
V
P
2
4
+
×
=
In single-supply operation with RL referenced to −VS, worst case
is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads and exposed
paddle from metal traces, through holes, ground, and power
planes reduces θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the exposed paddle
SOIC (80°C/W) and LFCSP (93°C/W) package on a JEDEC
standard 4-layer board. θJA values are approximations.
AMBIENT TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
0.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
LFCSP
SOIC
Figure 4. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com