Electronic Components Datasheet Search
  English  ▼

X  

AD8045ARDZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 1 Page - Analog Devices

  AD8045ARDZ Datasheet HTML 1Page - Analog Devices AD8045ARDZ Datasheet HTML 2Page - Analog Devices AD8045ARDZ Datasheet HTML 3Page - Analog Devices AD8045ARDZ Datasheet HTML 4Page - Analog Devices AD8045ARDZ Datasheet HTML 5Page - Analog Devices AD8045ARDZ Datasheet HTML 6Page - Analog Devices AD8045ARDZ Datasheet HTML 7Page - Analog Devices AD8045ARDZ Datasheet HTML 8Page - Analog Devices AD8045ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
3 nV/√Hz, Ultralow Distortion,
High Speed Op Amp
Data Sheet
AD8045
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow distortion
SFDR
−101 dBc at 5 MHz
−90 dBc at 20 MHz
−63 dBc at 70 MHz
Third-order intercept
43 dBm at 10 MHz
Low noise
3 nV/√Hz
3 pA/√Hz
High speed
1 GHz, −3 dB bandwidth (G = +1)
1350 V/µs slew rate
7.5 ns settling time to 0.1%
Standard and low distortion pinout
Supply current: 15 mA
Offset voltage: 1.0 mV max
Wide supply voltage range: 3.3 V to 12 V
APPLICATIONS
Instrumentation
IF and baseband amplifiers
Active filters
ADC drivers
DAC buffers
CONNECTION DIAGRAMS
3
–IN
4
+IN
1
NIC
2
FEEDBACK
6 NIC
5 –VS
8 +VS
7 OUTPUT
AD8045
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
Figure 1. 8-Lead AD8045 LFCSP (CP-8)
FEEDBACK
1
–IN
2
+IN
3
–VS 4
NIC
8
+VS
7
OUTPUT
6
NIC
5
AD8045
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
Figure 2. 8-Lead AD8045 SOIC/EP (RD-8)
GENERAL DESCRIPTION
The AD8045 is a unity-gain stable voltage feedback amplifier
with ultralow distortion, low noise, and high slew rate. With a
spurious-free dynamic range of −90 dBc at 20 MHz, the AD8045 is
an ideal solution in a variety of applications, including ultrasound,
automated test equipment (ATE), active filters, and analog-to-
digital converter (ADC) drivers. The Analog Devices, Inc.,
proprietary next generation XFCB process and innovative
architecture enable such high performance amplifiers.
The AD8045 features a low distortion pinout for the LFCSP,
which improves second harmonic distortion and simplifies the
layout of the circuit board.
The AD8045 has a 1 GHz bandwidth, a 1350 V/µs slew rate, and
settles to 0.1% in 7.5 ns. With a wide supply voltage range (3.3 V
to 12 V) and a low offset voltage (200 µV), the AD8045 is an
ideal candidate for systems that require high dynamic range,
precision, and high speed.
The AD8045 amplifier is available in a 3 mm × 3 mm LFCSP
and the standard 8-lead SOIC. Both packages feature an exposed
paddle that provides a low thermal resistance path to the
printed circuit board (PCB). This enables more efficient heat
transfer and increases reliability. The AD8045 works over the
extended industrial temperature range (−40°C to +125°C).
FREQUENCY (MHz)
100
0.1
1
10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–120
–110
HD3 LFCSP
HD2 LFCSP
G = +1
VS = ±5V
VOUT = 2V p-p
RL = 1kΩ
RS = 100Ω
Figure 3. Harmonic Distortion vs. Frequency for Various Packages


Similar Part No. - AD8045ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8045ARDZ AD-AD8045ARDZ Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
AD8045ARDZ AD-AD8045ARDZ Datasheet
1Mb / 24P
3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
Rev. C
AD8045ARDZ-REEL AD-AD8045ARDZ-REEL Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
AD8045ARDZ-REEL7 AD-AD8045ARDZ-REEL7 Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
AD8045ARDZ-REEL7 AD-AD8045ARDZ-REEL7 Datasheet
1Mb / 24P
3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
Rev. C
More results

Similar Description - AD8045ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
4/06-Rev. 0 to Rev. A
AD8045 AD-AD8045 Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8099 AD-AD8099_13 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com