Electronic Components Datasheet Search
  English  ▼

X  

AD8045ARDZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 8Page - Analog Devices AD8045ARDZ Datasheet HTML 9Page - Analog Devices AD8045ARDZ Datasheet HTML 10Page - Analog Devices AD8045ARDZ Datasheet HTML 11Page - Analog Devices AD8045ARDZ Datasheet HTML 12Page - Analog Devices AD8045ARDZ Datasheet HTML 13Page - Analog Devices AD8045ARDZ Datasheet HTML 14Page - Analog Devices AD8045ARDZ Datasheet HTML 15Page - Analog Devices AD8045ARDZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AD8045
Data Sheet
Rev. B | Page 10 of 24
OUTPUT AMPLITUDE (V p-p)
8
012345
7
6
–40
–60
–50
–70
–80
–90
–100
–110
G = +1
VS =±5V
RL = 150
RS = 100
f = 10MHz
HD3 SOIC AND LFCSP
HD2 SOIC
HD2 LFCSP
Figure 25. Harmonic Distortion vs. Output Voltage for Various Packages
OUTPUT VOLTAGE (V p-p)
8
01234567
–40
–50
–60
–70
–80
–90
–100
–110
–120
HD3
HD2
G = –1
VS =±5V
RL = 1k
f = 10MHz
SOIC AND LFCSP
Figure 26. Harmonic Distortion vs. Output Voltage
OUTPUT VOLTAGE (V p-p)
8
01234567
–40
–60
–80
–50
–70
–90
–100
–110
–120
G = –1
VS =±5V
RL = 150
f = 10MHz
HD3 SOIC AND LFCSP
HD2 LFCSP
HD2 SOIC
Figure 27. Harmonic Distortion vs. Output Voltage
FREQUENCY (MHz)
100
110
–30
–50
–40
–60
–80
–70
–90
–100
HD3 SOIC AND LFCSP
HD2 SOIC
HD2 LFCSP
G = +1
VS = ±2.5
VOUT = 2V p-p
RL = 1k
RS = 100
Figure 28. Harmonic Distortion vs. Frequency for Various Packages
FREQUENCY (MHz)
100
110
–20
–30
–40
–50
–60
–70
–80
–100
–90
HD2 LFCSP
HD2 SOIC
HD3 SOIC AND LFCSP
G = +1
VS = ±2.5V
VOUT = 2V p-p
RL = 100
RS = 100
Figure 29. Harmonic Distortion vs. Frequency for Various Packages
FREQUENCY (MHz)
100
0.1
1
10
–20
–30
–40
–50
–60
–70
–80
–90
–100
HD2
HD3
G = –1
VS = ±2.5V
VOUT = 2V p-p
RL = 1k
SOIC AND LFCSP
Figure 30. Harmonic Distortion vs. Frequency for Various Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com