Electronic Components Datasheet Search
  English  ▼

X  

AD8091AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8091AR
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091AR Datasheet(HTML) 4 Page - Analog Devices

  AD8091AR Datasheet HTML 1Page - Analog Devices AD8091AR Datasheet HTML 2Page - Analog Devices AD8091AR Datasheet HTML 3Page - Analog Devices AD8091AR Datasheet HTML 4Page - Analog Devices AD8091AR Datasheet HTML 5Page - Analog Devices AD8091AR Datasheet HTML 6Page - Analog Devices AD8091AR Datasheet HTML 7Page - Analog Devices AD8091AR Datasheet HTML 8Page - Analog Devices AD8091AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8091/AD8092
Rev. C | Page 4 of 20
TA = 25°C, VS = +3 V, RL = 2 kΩ to +1.5 V, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
MHz
G = −1, +2, VO = 0.2 V p-p
50
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150 Ω to 2.5 V, RF = 402 Ω
17
MHz
Slew Rate
G = −1, VO = 2 V step
90
135
V/μs
Full Power Response
G = +1, VO = 1 V p-p
65
MHz
Settling Time to 0.1%
G = −1, VO = 2 V step
55
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion (see Figure 11)
fC = 5 MHz, VO = 2 V p-p, G = −1,
RL = 100 Ω to 1.5 V
−47
dB
Input Voltage Noise
f = 10 kHz
16
nV/√Hz
Input Current Noise
f = 10 kHz
600
fA/√Hz
Differential Gain Error (NTSC)
G = +2, VCM = 1 V
RL = 150 Ω to 1.5 V
0.11
%
RL = 1 kΩ to 1.5 V
0.09
%
Differential Phase Error (NTSC)
G = +2, VCM = 1 V
RL = 150 Ω to 1.5 V
0.24
Degrees
RL = 1 kΩ to 1.5 V
0.10
Degrees
Crosstalk
f = 5 MHz, G = +2
−60
dB
DC PERFORMANCE
Input Offset Voltage
1.6
10
mV
TMIN to TMAX
25
mV
Offset Drift
10
μV/°C
Input Bias Current
1.3
2.6
μA
TMIN to TMAX
3.25
μA
Input Offset Current
0.15
0.8
μA
Open-Loop Gain
RL = 2 kΩ
80
96
dB
TMIN to TMAX
94
dB
RL = 150 Ω
74
82
dB
TMIN to TMAX
76
dB
INPUT CHARACTERISTICS
Input Resistance
290
kΩ
Input Capacitance
1.4
pF
Input Common-Mode Voltage Range
−0.2 to +2.0
V
Common-Mode Rejection Ratio
VCM = 0 V to 1.5 V
72
88
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ to 1.5 V
0.01 to 2.99
V
RL = 2 kΩ to 1.5 V
0.075 to 2.9
0.02 to 2.98
V
RL = 150 Ω to 1.5 V
0.20 to 2.75
0.125 to 2.875
V
Output Current
VOUT = 0.5 V to 2.5 V
45
mA
TMIN to TMAX
45
mA
Short Circuit Current
Sourcing
60
mA
Sinking
90
mA
Capacitive Load Drive
G = +1
45
pF
POWER SUPPLY
Operating Range
3
12
V
Quiescent Current/Amplifier
4.2
4.8
mA
Power Supply Rejection Ratio
ΔVS = +0.5 V
68
80
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com