Electronic Components Datasheet Search
  English  ▼

X  

AD8091AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD8091AR
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091AR Datasheet(HTML) 5 Page - Analog Devices

  AD8091AR Datasheet HTML 1Page - Analog Devices AD8091AR Datasheet HTML 2Page - Analog Devices AD8091AR Datasheet HTML 3Page - Analog Devices AD8091AR Datasheet HTML 4Page - Analog Devices AD8091AR Datasheet HTML 5Page - Analog Devices AD8091AR Datasheet HTML 6Page - Analog Devices AD8091AR Datasheet HTML 7Page - Analog Devices AD8091AR Datasheet HTML 8Page - Analog Devices AD8091AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8091/AD8092
Rev. C | Page 5 of 20
TA = 25°C, VS = ±5 V, RL = 2 kΩ to ground, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
MHz
G = −1, +2, VO = 0.2 V p-p
50
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150 Ω, RF = 1.1 kΩ
20
MHz
Slew Rate
G = −1, VO = 2 V step
105
170
V/μs
Full Power Response
G = +1, VO = 2 V p-p
40
MHz
Settling Time to 0.1%
G = −1, VO = 2 V step
50
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion (see Figure 11)
fC = 5 MHz, VO = 2 V p-p, G = +2
−71
dB
Input Voltage Noise
f = 10 kHz
16
nV/√Hz
Input Current Noise
f = 10 kHz
900
fA/√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω
0.02
%
RL = 1 kΩ
0.02
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω
0.11
Degrees
RL = 1 kΩ
0.02
Degrees
Crosstalk
f = 5 MHz, G = +2
−60
dB
DC PERFORMANCE
Input Offset Voltage
1.8
11
mV
TMIN to TMAX
27
mV
Offset Drift
10
μV/°C
Input Bias Current
1.4
2.6
μA
TMIN to TMAX
3.5
μA
Input Offset Current
0.1
0.75
μA
Open-Loop Gain
RL = 2 kΩ
88
96
dB
TMIN to TMAX
96
dB
RL = 150 Ω
78
82
dB
TMIN to TMAX
80
dB
INPUT CHARACTERISTICS
Input Resistance
290
kΩ
Input Capacitance
1.4
pF
Input Common-Mode Voltage Range
−5.2 to +4.0
V
Common-Mode Rejection Ratio
VCM = −5 V to +3.5 V
72
88
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ
−4.98 to +4.98
V
RL = 2 kΩ
−4.85 to +4.85
−4.97 to +4.97
V
RL = 150 Ω
−4.45 to +4.30
−4.60 to +4.60
V
Output Current
VOUT = −4.5 V to +4.5 V
45
mA
TMIN to TMAX
45
mA
Short Circuit Current
Sourcing
100
mA
Sinking
160
mA
Capacitive Load Drive
G = +1 (AD8091/AD8092)
50
pF
POWER SUPPLY
Operating Range
3
12
V
Quiescent Current/Amplifier
4.8
5.5
mA
Power Supply Rejection Ratio
ΔVS = ±1 V
68
80
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com