Electronic Components Datasheet Search
  English  ▼

X  

AD8091AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8091AR
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8091AR Datasheet HTML 7Page - Analog Devices AD8091AR Datasheet HTML 8Page - Analog Devices AD8091AR Datasheet HTML 9Page - Analog Devices AD8091AR Datasheet HTML 10Page - Analog Devices AD8091AR Datasheet HTML 11Page - Analog Devices AD8091AR Datasheet HTML 12Page - Analog Devices AD8091AR Datasheet HTML 13Page - Analog Devices AD8091AR Datasheet HTML 14Page - Analog Devices AD8091AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8091/AD8092
Rev. C | Page 11 of 20
2.5V
3.5V
1.5V
VS = 5V
G = +2
RL = 2kΩ
VIN = 1V p-p
100
90
80
70
60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
RL = 2kΩ
RL = 150Ω
VS = 5V
Figure 26. Large Signal Step Response; VS = +5 V, G = +2
Figure 23. Open-Loop Gain vs. Output Voltage
1.50V
20mV
20ns
VIN = 0.1V p-p
G = +1
RL = 2kΩ
VS = 3V
2.5V
5V
VS = 5V
G = –1
RF = 2kΩ
RL = 2kΩ
1V
2µs
Figure 24. 100 mV Step Response; G = +1
Figure 27. Output Swing; G = −1, RL = 2 kΩ
1V
–1V
–2V
–3V
–4V
2V
3V
4V
VS = ±5V
G = +1
RL = 2kΩ
1V
20ns
2.50V
2.60V
2.40V
50mV
20ns
VS = 5V
G = +1
RL = 2kΩ
Figure 25. 200 mV Step Response; VS = +5 V, G = +1
Figure 28. Large Signal Step Response; VS = ±5 V, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com