Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 35Page - Texas Instruments DAC38RF80 Datasheet HTML 36Page - Texas Instruments DAC38RF80 Datasheet HTML 37Page - Texas Instruments DAC38RF80 Datasheet HTML 38Page - Texas Instruments DAC38RF80 Datasheet HTML 39Page - Texas Instruments DAC38RF80 Datasheet HTML 40Page - Texas Instruments DAC38RF80 Datasheet HTML 41Page - Texas Instruments DAC38RF80 Datasheet HTML 42Page - Texas Instruments DAC38RF80 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
39
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3A – DECEMBER 2016 – REVISED FEBRUARY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.4 Serdes Equalizer
All channels of the DAC38RFxx incorporate an adaptive equalizer, which can compensate for channel insertion
loss by attenuating the low frequency components with respect to the high frequency components of the signal,
thereby reducing inter-symbol interference. Figure 51 shows the response of the equalizer, which can be
expressed in terms of the amount of low frequency gain and the frequency up to which this gain is applied (i.e.,
the frequency of the ’zero’). Above the zero frequency, the gain increases at 6 dB/octave until it reaches the high
frequency gain.
Figure 51. Equalizer Frequency Response
The equalizer can be configured via fields EQ and EQHLD in register SRDS_CFG1 (8.5.86). Table 6 and Table 7
summarize the options. When enabled, the receiver equalization logic analyzes data patterns and transition times
to determine whether the low frequency gain should be increased or decreased. The decision logic is
implemented as a voting algorithm with a relatively long analysis interval. The slow time constant that results
reduces the probability of incorrect decisions but allows the equalizer to compensate for the relatively stable
response of the channel. The lock time for the adaptive equalizer is data dependent, and so it is not possible to
specify a generally applicable absolute limit. However, assuming random data, the maximum lock time will be
6x106 divided by the CDR activity level. For field CDR in register SRDS_CFG1 (8.5.86) = 110, the activity level
is 1.5 x 106 UI.
When EQ = 0, finer control of gain boost is available using the EQBOOST IEEE1500 tuning chain field, as shown
in Table 8.
Table 6. Receiver Equalization Configuration
EQ
EFFECT
[1-0]
00
No equalization. The equalizer provides a flat response at the maximum gain. This setting may be
appropriate if jitter at the receiver occurs predominantly as a result of crosstalk rather than
frequency dependent loss.
01
Fully adaptive equalization. The zero position is determined by the selected operating rate, and the
low frequency gain of the equalizer is determined algorithmically by analyzing the data patterns and
transition positions in the received data. This setting should be used for most applications.
10
Precursor equalization analysis. The data patterns and transition positions in the received data are
analyzed to determine whether the transmit link partner is applying more or less precursor
equalization than necessary.
11
Postcursor equalization analysis. The data patterns and transition positions in the received data are
analyzed to determine whether the transmit link partner is applying more or less post-cursor
equalization than necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com