Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 45Page - Texas Instruments DAC38RF80 Datasheet HTML 46Page - Texas Instruments DAC38RF80 Datasheet HTML 47Page - Texas Instruments DAC38RF80 Datasheet HTML 48Page - Texas Instruments DAC38RF80 Datasheet HTML 49Page - Texas Instruments DAC38RF80 Datasheet HTML 50Page - Texas Instruments DAC38RF80 Datasheet HTML 51Page - Texas Instruments DAC38RF80 Datasheet HTML 52Page - Texas Instruments DAC38RF80 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
49
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3A – DECEMBER 2016 – REVISED FEBRUARY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
When field SYSR_STATUS_ENA is high the device records the phase associated with each SYSREF event for
use in characterizing the SYSREF capture timing and selecting an appropriate phase tolerance window. The
phase data is available in two forms. First, each of the four phases has a corresponding “sticky” alarm flag
indicating which phases have been observed since the last time the register was cleared. In addition, the device
also accumulates statistics on the relative number of occurrences of each phase spanning multiple SYSREF
events using saturating 8-bit counters. These accumulated real-time SYSREF statistics allow us to account for
time-varying effects during characterization such as potential timing differences between the 1st and Nth edges
in a “gapped” SYSREF pulse train. The counters are fields PHASE1_CNT and PHASE2_CNT in register
SYSREF12_CNT (8.5.10), PHASE3_CNT and PHASE4_CNT in register SYSREF34_CNT (8.5.11), and
ALIGN_TO_R1_CNT and ALIGN_TO_R3_CNT in register SYSREF_ALIGN_R (8.5.9).
The accumulated SYSREF statistics can be cleared by writing ‘1’ to SYSR_ALIGN_SYNC. This sync signal
affects only the SYSREF statistics monitors and does not cause a sync of any other portions of the design.
Before collecting phase statistics, the user must first enable the SYSREF status monitoring logic by setting the
SYSR_STATUS_ENA
bit.
The
user
must
then
generate
a
repeating
SYSREF
input
before
using
SYSR_ALIGN_SYNC to clear the statistic counters. This is necessary to flush invalid data out of the status
pipeline.
The “sticky” alarm flags indicating which of the four phases have been observed since the last
SYSR_ALIGN_SYNC write of ‘1’ are fields ALM_SYSRPHASE1 to ALM_SYSRPHASE4 and are contained in the
ALM_SYSREF_DET register (8.5.6).
8.3.11 JESD204B Subclass 0 support
Some functionality has been implemented to support Subclass 0 operation. Note that programming the
SUBCLASSV configuration parameter has no functional impact on the logic. The value programmed for
SUBCLASSV is only used in the initial lane alignment (ILA) sequence. The following configuration parameters
are used to support Subclass 0 operation:
•
Field SYSREF_MODE in register JESD_SYSR_MODE (8.5.56) = 0
•
Field DISABLE_ERR_RPT in register JESD_ERR_OUT (8.5.53) = 1
•
Field MIN_LATENCY_ENA in register JESD_MATCH (8.5.50) = 1
8.3.12 SerDes Test Modes through Serial Programming
The DAC38RFxx supports a number of basic pattern generation and verification of SerDes via the serial
interface. Three pseudo random bit stream (PRBS) sequences are available, along with an alternating 0/1
pattern and a 20-bit user-defined sequence. The 27 - 1, 231 - 1 or 223 – 1 sequences implemented can often be
found programmed into standard test equipment, such as a Bit Error Rate Tester (BERT). Pattern generation and
verification selection is via field TESTPATT in register SRDS_CFG1 (8.5.86), as shown in Table 23.
Table 23. SerDes Test Pattern Selection
TESTPATT
EFFECT
000
Test mode disabled.
001
Alternating 0/1 Pattern. An alternating 0/1 pattern with a period of 2 UI.
010
Verify 27 - 1 PRBS. Uses a 7-bit LFSR with feedback polynomial x7 + x6 + 1.
011
Verify 223 - 1 PRBS. Uses an ITU O.150 conformant 23-bit LFSR with feedback polynomial x23 + x18 + 1.
100
Verify 231 - 1 PRBS. Uses an ITU O.150 conformant 31-bit LFSR with feedback polynomial x31 + x28 + 1.
101
User-defined 20-bit pattern. Uses the USR PATT IEEE1500 Tuning instruction field to specify the pattern. The default
value is 0x66666.
11x
Reserved.
Pattern verification compares the output of the serial to parallel converter with an expected pattern. When there
is a mismatch, the TESTFAIL bit is driven high, which can be programmed to come out the ALARM terminal by
setting field DTEST in register DTEST (8.5.76) to “0011”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com