Electronic Components Datasheet Search
  English  ▼

X  

MIC5191 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5191
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5191 Datasheet HTML 4Page - Micrel Semiconductor MIC5191 Datasheet HTML 5Page - Micrel Semiconductor MIC5191 Datasheet HTML 6Page - Micrel Semiconductor MIC5191 Datasheet HTML 7Page - Micrel Semiconductor MIC5191 Datasheet HTML 8Page - Micrel Semiconductor MIC5191 Datasheet HTML 9Page - Micrel Semiconductor MIC5191 Datasheet HTML 10Page - Micrel Semiconductor MIC5191 Datasheet HTML 11Page - Micrel Semiconductor MIC5191 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MIC5191
Micrel
April 20048
M9999-042804
This places a pole at 2.3kHz at 80dB and calculates as
follows.
F
M
pF
FkHz
P
P
=
××
=
1
23 4220
232
π
.
.
Ω
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000 100000
Frequency (KHz)
-45
0
45
90
135
180
225
Figure 4. Internal Compensation
Frequency Response
There is single pole roll off. For most applications, an output
capacitor is required. The output capacitor and load resis-
tance create another pole. This causes a two-pole system
and can potentially cause design instability with inadequate
phase margin. What should we do? Answer: we compensate
it externally. By providing a dominant pole and zero–allowing
the output capacitor and load to provide the final pole–a net
single pole roll off is created, with the zero canceling the
dominant pole. Figure 5 demonstrates:
Error Amplifier
Driver
3.42M
Ω
20pF
Internal
External
Comp
RCOMP
CCOMP
Figure 5. External Compensation
Placing an external capacitor (C
COMP) and resistor (RCOMP)
for the external pole-zero combination. Where the dominant
pole can be calculated as follows:
F
MC
P
COMP
=
××
1
23 42
π
.Ω
And the zero can be calculated as follows:
F
RC
Z
COMP
COMP
=
××
1
2
π
This allows for high DC gain, and high bandwidth with the
output capacitor and the load providing the final pole.
Figure 6. External Compensation
Frequency Response
It is recommended that the gain bandwidth should be de-
signed to be less than 1 MHz. This is because most capaci-
tors lose capacitance at high frequency and becoming resis-
tive or inductive. This can be difficult to compensate for and
can create high frequency ringing or worse, oscillations.
By increasing the amount of output capacitance, transient
response can be improved in multiple ways. First, the rate of
voltage drop vs. time is decreased. Also, by increasing the
output capacitor, the pole formed by the load and the output
capacitor decreases in frequency. This allows for the increas-
ing of the compensation resistor, creating a higher mid-band
gain.
Figure 7. Increasing Output Capacitance
This will have the effect of both decreasing the voltage drop
as well as returning closer and faster to the regulated voltage
during the recovery time.
MOSFET Selection
The typical pass element for the MIC5191 is an N-Channel
MOSFET. There are multiple considerations when choosing
a MOSFET. These include:
• V
IN to VOUT differential
• Output Current
• Case Size/Thermal Characteristics
• Gate Capacitance (C
ISS<10nF)
• Gate to Source threshold
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000 100000
Frequency (KHz)
-45
0
45
90
135
180
225
The Dominant Pole
External Zero
R
LOAD × COUT
Pole
Ccomp
M
Fp
×
×
=
42
.
3
2
1
Ccomp
Rcomp
Fz
×
×
=
2
1
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000 100000
Frequency (KHz)
-45
0
45
90
135
180
225
Increasing C
OUT reduces
the load resistance and
output capacitor pole
allowing for an increase
in mid-band gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com