Electronic Components Datasheet Search
  English  ▼

X  

MIC5191 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5191
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5191 Datasheet HTML 5Page - Micrel Semiconductor MIC5191 Datasheet HTML 6Page - Micrel Semiconductor MIC5191 Datasheet HTML 7Page - Micrel Semiconductor MIC5191 Datasheet HTML 8Page - Micrel Semiconductor MIC5191 Datasheet HTML 9Page - Micrel Semiconductor MIC5191 Datasheet HTML 10Page - Micrel Semiconductor MIC5191 Datasheet HTML 11Page - Micrel Semiconductor MIC5191 Datasheet HTML 12Page - Micrel Semiconductor MIC5191 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
April 20049
M9999-042804
MIC5191
Micrel
The V
IN(min) to VOUT ratio and current will determine the
maximum R
DSON required. For example, for a 1.8V (±5%) to
1.5V conversion at 5A of load current, dropout voltage can be
calculated as follows (using V
IN(min):
R
VV
I
R
1 71V 1 5V
5A
R
m
DSON
IN
OUT
OUT
DSON
DSON
=
−
()
=
−
()
=
..
42
Ω
For performance reasons, we do not want to run the N-
Channel in dropout. This will seriously affect transient re-
sponse and PSRR (power supply ripple rejection). For this
reason, we want to select a MOSFET that has lower than
42m
Ω for our example application.
Size is another important consideration. Most importantly,
the design must be able to handle the amount of power being
dissipated.
The amount of power dissipated can be calculated as follows
(using V
IN(max)):
P
D = (VIN – VOUT) × IOUT
P
D = (1.89V – 1.5V) × 5A
P
D = 1.95W
Now that we know the amount of power we will be
dissipating, we will need to know the maximum ambient air
temperature. For our case we’re going to assume a
maximum of 65
°C ambient temperature, though different
MOSFETs have different maximum operating junction
temperatures. Most MOSFETs are rated to 150
°C, while
others are rated as high as 175
°C. In this case, we’re
going to limit our maximum junction temperature to 125
°C.
The MIC5191 has no internal thermal protection for the
MOSFET so it is important that the design provides margin
for the maximum junction temperature. Our design will
maintain better than 125
°C junction temperature with
1.95W of power dissipation at an ambient temperature of
65
°C. Our thermal resistance calculates as follows:
θ
θ
θ
JA
JJ
D
JA
JA
T max
T ambient
P
125 C
65 C
1.95W
C W
= ()
−
()
=
°− °
=°
31
/
So our package must have a thermal resistance less than
31
°C /W. Table 1 shows a good approximation of power
dissipation and package recommendation.
Package
Power Dissipation
TSOP-6
<850mW
TSSOP-8
<950mW
TSSOP-8
<1W
PowerPAK™ 1212-8
<1.1W
SO-8
<1.125W
PowerPAK™SO-8 D-Pack
<1.4W
TO-220/TO-263 (D2pack)>1.4W
Table 1. Power Dissipation and
Package Recommendation
In our example, our power dissipation is greater than
1.4W, so we’ll choose a TO-263 (D2Pack) N-Channel
MOSFET.
θ
JA is calculated as follows.
θ
JA = θJC + θCS + θSA
Where
θ
JC is the junction to case resistance, θCS is the
case-to-sink resistance and the
θ
SA is the sink-to-ambi-
ent air resistance.
In the D2 package we’ve selected, the
θ
JC is 2°C/W. The
θ
CS, assuming we are using the PCB as the heat sink,
can be approximated to 0.2
°C/W. This allows us to
calculate the minimum
θ
SA:
θ
SA= θJA– θCS – θJC
θ
SA= 31°C/W – 0.2°C/W – 2°C/W
θ
SA= 28.8°C/W
Referring to
Application Hint 17, Designing PCB Heat
Sinks, the minimum amount of copper area for a D2pack
at 28.8
°C/W is 2750mm2 (or 0.426in2 ). The solid line
denotes convection heating only (2 oz. copper) and the
dotted line shows thermal resistance with 250LFM air-
flow. The copper area can be significantly reduced by
increasing airflow or by adding external heat sinks.
Figure 8. PC Board Heat Sink
Another important characteristic is the amount of gate
capacitance. Large gate capacitance can reduce tran-
sient performance by reducing the ability of the MIC5190
to slew the gate. It is recommended that the MOSFET
used has an input capacitance <10nF (C
ISS).
PC Board Heat Sink
Thermal Resistance vs. Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com