Electronic Components Datasheet Search
  English  ▼

X  

LM9810 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9810 Datasheet HTML 1Page - National Semiconductor (TI) LM9810 Datasheet HTML 2Page - National Semiconductor (TI) LM9810 Datasheet HTML 3Page - National Semiconductor (TI) LM9810 Datasheet HTML 4Page - National Semiconductor (TI) LM9810 Datasheet HTML 5Page - National Semiconductor (TI) LM9810 Datasheet HTML 6Page - National Semiconductor (TI) LM9810 Datasheet HTML 7Page - National Semiconductor (TI) LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
http://www.national.com
LM9810 Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=+5.0V
DC, f
MCLK=24MHz, Rs=25Ω.
Boldface limits apply for
T
A=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. All LSB limits are in units of the LM9810’s 10 bit ADC. (Notes 7, 8, & 12)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
ADC Characteristics
Resolution with No Missing Codes
10
bits (min)
INL
Integral Non-Linearity Error (Note 11)
±0.35
±1.5
LSB (max)
DNL
Differential Non-Linearity
±0.25
±1.0
LSB (max)
Full Channel Linearity (Note 14)
INL
Integral Non-Linearity Error (Note 11)
±0.9
LSB
DNL
Differential Non-Linearity
±0.40
LSB
Static Offset DAC Characteristics
Monotonicity
6
bits (min)
Offset DAC LSB size
PGA gain = 1
5
3.4
6.4
LSB (min)
LSB (max)
Offset DAC Adjustment Range
PGA gain = 1
±150
±140
LSB (min)
System Characteristics (see section 1.7.1, Internal Offsets)
C
Analog Channel Gain Constant
(ADC Codes/V)
Includes voltage reference
variation, gain setting = 1
502
468
532
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CCD Mode
4.4
-7.2
+15.7
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CIS Mode
4.5
-6.5
+15.2
LSB (min)
LSB (max)
VOS2
Pre-PGA Analog Channel Offset Error
-10
-28
+5.3
LSB (min)
LSB (max)
VOS3
Post-PGA Analog Channel Offset Error
-11
-30.6
+7.3
LSB (min)
LSB (max)
LM9820 Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=+5.0V
DC, f
MCLK=24MHz, Rs=25Ω.
Boldface limits apply for
T
A=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. All LSB limits are in units of the LM9820’s 12 bit ADC. (Notes 7, 8, & 12)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
ADC Characteristics
Resolution with No Missing Codes
12
bits (min)
INL
Integral Non-Linearity Error (Note 11)
±1.1
±4.0
LSB (max)
DNL
Differential Non-Linearity
±0.6
+1.75
-1.0
LSB (max)
Full Channel Linearity (Note 14)
INL
Integral Non-Linearity Error (Note 11)
±3.4
LSB
DNL
Differential Non-Linearity
±0.65
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com