Electronic Components Datasheet Search
  English  ▼

X  

LM9810 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 11Page - National Semiconductor (TI) LM9810 Datasheet HTML 12Page - National Semiconductor (TI) LM9810 Datasheet HTML 13Page - National Semiconductor (TI) LM9810 Datasheet HTML 14Page - National Semiconductor (TI) LM9810 Datasheet HTML 15Page - National Semiconductor (TI) LM9810 Datasheet HTML 16Page - National Semiconductor (TI) LM9810 Datasheet HTML 17Page - National Semiconductor (TI) LM9810 Datasheet HTML 18Page - National Semiconductor (TI) LM9810 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
http://www.national.com
Applications Information
1.0 Programming the LM9810/20
1.1 Writing to the Configuration Register
When NewLine is high, D2, D1 & D0 act as a serial interface for writ-
ing to the configuration registers. D2 is the input serial clock
(SCLK), D0 is the input data pin (SDI), and D1 is the latch and
shift enable signal (Latch). When D1(Latch) is low, serial data is
shifted into D0(SDI), and must be valid on each rising edge of
D2
(SCLK). Three register address bits followed by six data bits
should be shifted into D0(SDI), MSB first. When D1(Latch) transi-
tions from low to high, the last 6 data bits will be stored into the
configuration register addressed by the previous 3 address bits
(as shown in Diagram 3). D1(Latch) must remain high for at least
3 cycles of the serial clock on D2(SCLK) to write to the configura-
tion register.
1.2 CDS Mode
The LM9810/20 uses a high-performance CDS (Correlated Dou-
ble Sampling) circuit to remove many sources of noise and error
from the CCD signal. It also supports CIS image sensors with a
single sampling mode.
Figure 1 shows the output stage of a typical CCD and the result-
ing output waveform:
Figure 1: CDS
Capacitor C1 converts the electrons coming from the CCD’s shift
register to an analog voltage. The source follower output stage
(Q2) buffers this voltage before it leaves the CCD. Q1 resets the
voltage across capacitor C1 between pixels at intervals 2 and 5.
When Q1 is on, the output signal (OS) is at its most positive volt-
age. After Q1 turns off (period 3), the OS level represents the
residual voltage across C1 (VRESIDUAL). VRESIDUAL includes
charge injection from Q1, thermal noise from the ON resistance
of Q1, and other sources of error. When the shift register clock
(Ø1) makes a low to high transition (period 4), the electrons from
the next pixel flow into C1. The charge across C1 now contains
the voltage proportional to the number of electrons plus VRESID-
UAL, an error term. If OS is sampled at the end of period 3 and
that voltage is subtracted from the OS at the end of period 4, the
VRESIDUAL term is canceled and the noise on the signal is
reduced ([VSIGNAL+VRESIDUAL]-VRESIDUAL = VSIGNAL). This is the
principal of Correlated Double Sampling.
If the LM9810/20 is programmed for correlated double sampling
(bit B5 of register 0 is cleared), then the falling edge of SampCLK
should occur toward the end of period 3 and the rising edge of
SampCLK
should occur towards the end of period 4. While Samp-
CLK
is high, the Reference level (VRESIDUAL) is sampled, and it is
held at the falling edge of SampCLK. While SampCLK is low, the sig-
nal level (VSIGNAL+ VRESIDUAL) is sampled and it is held at the ris-
ing edge of SampCLK. The output from the sampler is the potential
difference between the two samples, or VSIGNAL.
1.3 CIS Mode
The LM9810/20 supports CIS (Contact Image Sensor) devices by
offering a sampling mode for capturing positive going signals, as
opposed to the CCD’s negative going signal. The output signal of
a CIS sensor (Figure 2) differs from a CCD signal in two primary
ways: its output increases with increasing signal strength, and it
does not usually have a reference level as an integral part of the
output waveform of every pixel.
Figure 2: CIS
When the LM9810/20 is in CIS mode (Register 0, B5=1), it uses
either VREF+ or VREF- depending on the signal polarity setting (B4
of the Sampling and Color Mode register) as the reference (or
black) voltage for each pixel. If the signal polarity is set to one,
then VREF- will be held on the falling edge of SampCLK and the OS
signal will be held on the rising edge of SampCLK. If it is set to
zero, then VREF+ will be held on the falling edge of SampCLK and
the OS signal will be held on the rising edge of SampCLK. The ris-
ing edge of SampCLK should occur near the end of period 4, and
at least 50ns after the falling edge of SampCLK.
1.4 Multiplexer/Channel Switching
The offset and gain settings automatically switch after each ADC
conversion according to the color mode setting in the Sampler
and Color Mode register (register 0). For example, if the color
mode (bits B2,B1 & B0) is set to 001, the offset and gain will alter-
nately switch between the R, G and B settings after each conver-
sion. The input multiplexer never changes during a line, but if the
color mode is set to Line Rate Color (000), the mux will automati-
cally switch after each new line.
The offset and gain settings will always start with the first channel
of the programmed mode after a falling edge on NewLine. For
RS (RESET)
e-
(from shift register)
OS
Q1
Q2
C1
VDD
VSS
Ø1
RS
OS
12
3
4
5
SampCLK
OS (CCD)
12
3
4
5
OS (CIS)
SampCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com