Electronic Components Datasheet Search
  English  ▼

X  

LM9810 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 13Page - National Semiconductor (TI) LM9810 Datasheet HTML 14Page - National Semiconductor (TI) LM9810 Datasheet HTML 15Page - National Semiconductor (TI) LM9810 Datasheet HTML 16Page - National Semiconductor (TI) LM9810 Datasheet HTML 17Page - National Semiconductor (TI) LM9810 Datasheet HTML 18Page - National Semiconductor (TI) LM9810 Datasheet HTML 19Page - National Semiconductor (TI) LM9810 Datasheet HTML 20Page - National Semiconductor (TI) LM9810 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
http://www.national.com
nation of the applied SampCLK and MCLK signals. MCLK is used to
synchronize the applied SampCLK signal. The internal ADC clock
will go low after the falling edge of SampCLK is clocked by a rising
of MCLK. The ADC clock will stay low for two MCLK cycles and
then go high. It will stay high until the next falling edge of SampCLK
is clocked by MCLK. Figure 6 illustrates this SampCLK, MCLK, and
ADC clock timing relationship.
Figure 6: LM9810/20 Relative Event Timing
The LM9810/20 is a densely designed, mixed-signal, monolithic
semiconductor. In creating the timing for the LM9810/20, it must
be considered that internal events, such as ADC sampling, and
output data bus switching can potentially affect coincident events
such as input signal sampling or offset DAC settling. One event
can interfere with another by coupling noise on shared resources
such as the supply lines, internal voltage references, or the silicon
substrate.
To optimize the performance of the LM9810/20, SampCLK should
be timed so that the input signal hold times do not coincide with
output data switching and ADC clock transitions. In other words,
the rising and falling edges of SampCLK should not be placed
close to ADC clock edges or to output data transitions. SampCLK
edges should be at least 20ns away from ADC clock edges to
avoid interference between the ADC and the sampler. SampCLK
edges should also be placed at least 40ns after output data tran-
sition times to avoid transition noise coupling.
Figure 6 is an example of SampCLK timing that will meet these
requirements at the maximum MCLK frequency of 24MHz. In dia-
gram 6, SampCLK transitions occur on MCLK falling edges which
will keep them more than 20ns away from ADC transitions, and
40ns after output data transitions.
MCLK
SampCLK
ADC Clock
(internal)
D5 - D0
b11 - b6
b5 - b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com