Electronic Components Datasheet Search
  English  ▼

X  

NCP623DM Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP623DM
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623DM Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP623DM Datasheet HTML 5Page - ON Semiconductor NCP623DM Datasheet HTML 6Page - ON Semiconductor NCP623DM Datasheet HTML 7Page - ON Semiconductor NCP623DM Datasheet HTML 8Page - ON Semiconductor NCP623DM Datasheet HTML 9Page - ON Semiconductor NCP623DM Datasheet HTML 10Page - ON Semiconductor NCP623DM Datasheet HTML 11Page - ON Semiconductor NCP623DM Datasheet HTML 12Page - ON Semiconductor NCP623DM Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP623
http://onsemi.com
9
Y1: OUTPUT CURRENT, Y2: OUTPUT VOLTAGE
Y1: OUTPUT CURRENT, Y2: OUTPUT VOLTAGE
Figure 12. Iout = 3.0 mA to 150 mA
Figure 13. ISlope = 100 mA/ms (Large Scale)
Iout = 3.0 mA to 150 mA
Vin = 3.8 V
Y1 = 100 mV/div
Y2 = 20 mV/div
X = 200
ms/div
Tamb = 25°C
Y2
Y1
Vin = 3.8 V
Y1 = 50 mA/div
Y2 = 20 mV/div
X = 20
ms
Tamb = 25°C
Y2
Y1
Y1: OUTPUT CURRENT, Y2: OUTPUT VOLTAGE
Y1: OUTPUT CURRENT, Y2: OUTPUT VOLTAGE
Figure 14. ISlope = 6.0 mA/ms (Large Scale)
Iout = 3.0 mA to 150 mA
Figure 15. ISlope = 2.0 mA/ms (Large Scale)
Iout = 3.0 mA to 150 mA
Vin = 3.8 V
Y1 = 50 mA/div
Y2 = 20 mV/div
X = 100
ms
Tamb = 25°C
Y2
Y1
Vin = 3.8 V
Y1 = 50 mA/div
Y2 = 20 mV/div
X = 200
ms
Tamb = 25°C
Y2
Y1
Load Transient Response versus Load Current Slope
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com