Electronic Components Datasheet Search
  English  ▼

X  

NCP623DM Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP623DM
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623DM Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP623DM Datasheet HTML 6Page - ON Semiconductor NCP623DM Datasheet HTML 7Page - ON Semiconductor NCP623DM Datasheet HTML 8Page - ON Semiconductor NCP623DM Datasheet HTML 9Page - ON Semiconductor NCP623DM Datasheet HTML 10Page - ON Semiconductor NCP623DM Datasheet HTML 11Page - ON Semiconductor NCP623DM Datasheet HTML 12Page - ON Semiconductor NCP623DM Datasheet HTML 13Page - ON Semiconductor NCP623DM Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP623
http://onsemi.com
10
0
70
BYPASS CAPACITOR (nF)
BYPASS CAPACITOR (nF)
FREQUENCY (Hz)
Figure 16. Noise Density versus Bypass
Capacitor
Figure 17. RMS Noise versus Bypass Capacitor
(100 Hz − 100 kHz)
Figure 18. Output Voltage Settling Time versus
Bypass Capacitor
Figure 19. Output Voltage Settling Shape
Cbypass = 10 nF
2.0
3.0
4.0
5.0
50
40
30
20
0
10
1.0
60
10
Vin = 3.8 V
Vout = 2.8 V
CO = 1.0 mF
Iout = 60 mA
Tamb = 25°C
Vin = 3.8 V
Vout = 2.8 V
CO = 1.0 mF
Iout = 60 mA
Tamb = 25°C
Vin = 3.8 V
Vout = 2.8 V
Cout = 1.0 mF
Iout = 50 mA
Tamb = 25°C
Figure 20. Output Voltage Settling Shape
Cbypass = 3.3 nF
Figure 21. Output Voltage Settling Shape without
Bypass Capacitor
6.0
7.0
8.0
9.0
0
1200
1.0
2.0
3.0
4.0
6.0
10
1000
800
600
400
0
200
5.0
7.0
9.0
8.0
200
ms/div
500 mV/div
Cbyp = 10 nF
100
350
1000
10,000
250
200
150
100
0
1,000,000
300
50
100,000
Vin = 3.8 V
Vout = 2.8 V
CO = 1.0 mF
Iout = 60 mA
Tamb = 23°C
Cbyp = 10 nF
3.3 nF
0 nF
Vin = 3.8 V
Vout = 2.8 V
Cout = 1.0 mF
Iout = 50 mA
Tamb = 25°C
100
ms/div
500 mV/div
Cbyp = 3.3 nF
Vin = 3.8 V
Vout = 2.8 V
Cout = 1.0 mF
Iout = 50 mA
Tamb = 25°C
10
ms/div
500 mV/div
Cbyp = 0 nF
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Performances
Settling Time Performances
Vn = 65
mVrms @ Cbypass = 0
Vn = 30
mVrms @ Cbypass = 3.3 nF
Vn = 25
mVrms @ Cbypass = 10 nF
over 100 Hz to 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com