Electronic Components Datasheet Search
  English  ▼

X  

NCP623DM Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP623DM
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623DM Datasheet(HTML) 1 Page - ON Semiconductor

  NCP623DM Datasheet HTML 1Page - ON Semiconductor NCP623DM Datasheet HTML 2Page - ON Semiconductor NCP623DM Datasheet HTML 3Page - ON Semiconductor NCP623DM Datasheet HTML 4Page - ON Semiconductor NCP623DM Datasheet HTML 5Page - ON Semiconductor NCP623DM Datasheet HTML 6Page - ON Semiconductor NCP623DM Datasheet HTML 7Page - ON Semiconductor NCP623DM Datasheet HTML 8Page - ON Semiconductor NCP623DM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 0
1
Publication Order Number:
NCP623/D
NCP623
Ultra Low Noise
150 mA Low Dropout
Voltage Regulator with
ON/OFF Control
Housed in a Micro8
t or QFN6 package, the NCP623 delivers up to
150 mA where it exhibits a typical 180 mV dropout. With an
incredible noise level of 25
mVRMS (over 100 Hz to 100 kHz, with a
10 nF bypass capacitor), the NCP623 represents the ideal choice for
sensitive circuits, especially in portable applications where noise
performance and space are premium. The NCP623 also excels in
response time and reacts in less than 25
ms when receiving an OFF to
ON signal (with no bypass capacitor).
Due to a novel concept, the NCP623 accepts output capacitors without
any restrictions regarding their Equivalent Series Resistance (ESR) thus
offering an obvious versatility for immediate implementation.
With a typical DC ripple rejection better than −90 dB (−70 dB @
1.0 kHz), it naturally shields the downstream electronics against
choppy power lines.
Additionally, thermal shutdown and short−circuit protection
provide the final product with a high degree of ruggedness.
Features
• Very Low Quiescent Current 170 mA (ON, no load), 100 nA
(OFF, no load)
• Very Low Dropout Voltage, Typical Value is 137 mV at an Output
Current of 100 mA
• Very Low Noise with External Bypass Capacitor (10 nF),
Typically 25
mVrms over 100 Hz to 100 kHz
• Internal Thermal Shutdown
• Extremely Tight Line Regulation Typically −90 dB
• Ripple Rejection −70 dB @ 1.0 kHz
• Line Transient Response: 1.0 mV for DV
in = 3.0 V
• Extremely Tight Load Regulation, Typically 20 mV at DI
out = 150 mA
• Multiple Output Voltages Available
• Logic Level ON/OFF Control (TTL−CMOS Compatible)
• ESR can vary from 0 to 3.0 W
Applications
• All Portable Systems, Battery Powered Systems, Cellular
Telephones, Radio Control Systems, Toys and Low Voltage Systems
PIN CONNECTIONS
See detailed ordering and shipping information on page 12 of
this data sheet.
ORDERING INFORMATION
XXX
= Specific Device Code
yy
= Voltage Option
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
XXX
AYW
1
8
Micro8
DM SUFFIX
CASE 846A
MARKING
DIAGRAMS
1
VOUT
NC
Bypass
NC
ON/OFF
GND
VIN
GND
Micro8
(Top View)
1
2
3
4
8
7
6
5
QFN6, 3X3
MN SUFFIX
CASE 488AE
QFN6
(Top View)
VIN
GND
VOUT
ON/OFF
GND
Bypass
1
2
3
6
5
4
1
NCP6
23yy
ALYW
http://onsemi.com
http://onsemi.com


Similar Part No. - NCP623DM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623DM-28R2G ONSEMI-NCP623DM-28R2G Datasheet
212Kb / 16P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623DM-30R2G ONSEMI-NCP623DM-30R2G Datasheet
212Kb / 16P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623DM-33R2 ONSEMI-NCP623DM-33R2 Datasheet
212Kb / 16P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623DM-33R2G ONSEMI-NCP623DM-33R2G Datasheet
212Kb / 16P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623DM-40R2 ONSEMI-NCP623DM-40R2 Datasheet
212Kb / 16P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results

Similar Description - NCP623DM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com