Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7265BCP
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 3Page - Analog Devices AD7265BCP Datasheet HTML 4Page - Analog Devices AD7265BCP Datasheet HTML 5Page - Analog Devices AD7265BCP Datasheet HTML 6Page - Analog Devices AD7265BCP Datasheet HTML 7Page - Analog Devices AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
AD7265
Pin No.
Mnemonic
Description
21
RANGE
Analog Input Range Selection. Logic input. The polarity on this pin will determine what input range the analog
input channels will have. On the falling edge of CS , the polarity of this pin is checked to determine the analog
input range of the next conversion. If this pin is tied to a logic low, the analog input range is 0 V to VREF. If this pin
is tied to a logic high when CS goes low, the analog input range is 2 × VREF.
25–23
A0–A2
Multiplexer Select. Logic inputs. Thess inputs are used to select the pair of channels to be converted
simultaneously, i.e., Channel 1 of both ADC A and ADC B, Channel 2 of both ADC A and ADC, and so on. The pair of
channels selected may be two single ended channels or two differential pairs. The logic states of these pins are
checked upon the falling edge of CS, and the multiplexer is set up for the next conversion. See Table 6 for
multiplexer address decoding.
22
SGL/DIFF
Logic Input. This pin selects whether the analog inputs are configured as differential pairs or single ended. A logic
low selects differential operation while a logic high selects single ended operation.
2
REF SELECT
Internal/External reference Selection. Logic Input. If this pin is tied to GND, the on-chip 2.5 V reference is used as
the reference source for both ADC A and ADC B. In addition, Pins DCAPA and DCAPB must be tied to decoupling
capacitors. If the REF SELECT pin is tied to a logic high, an external reference can be supplied to the AD7265
through the DCAPA and/or DCAPB pins.
Rev. PrA | Page 7 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com