Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 16 Page - Analog Devices

Part # AD7265BCP
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices AD7265BCP Datasheet HTML 12Page - Analog Devices AD7265BCP Datasheet HTML 13Page - Analog Devices AD7265BCP Datasheet HTML 14Page - Analog Devices AD7265BCP Datasheet HTML 15Page - Analog Devices AD7265BCP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD7265
Preliminary Technical Data
Rev. PrA | Page 16 of 16
ORDERING GUIDE
AD7265 Products
Temperature Package
Package Description
Package Outline
AD7265ACP
–40°C to +125°C
Lead Frame Chip Scale Package
CP-32
AD7265BCP
–40°C to +125°C
Lead Frame Chip Scale Package
CP-32
AD7265ASU
–40°C to +125°C
Thin Quad Flat Package
SU-32
AD7265BSU
–40°C to +125°C
Thin Quad Flat Package
SU-32
EVAL-AD7265CB1
Evaluation Board
EVAL-CONTROL BRD22
Controller Board
1 This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL Board for evaluation/demonstration purposes.
2 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete
evaluation kit, the particular ADC evaluation board, e.g., EVAL-AD7265CB, the EVAL-CONTROL BRD2, and a 12V transformer must be ordered. See relevant Evaluation
Board Technical note for more information.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR04674–0–1/04(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com