Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 11 Page - Analog Devices

Part # AD7265BCP
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 7Page - Analog Devices AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices AD7265BCP Datasheet HTML 12Page - Analog Devices AD7265BCP Datasheet HTML 13Page - Analog Devices AD7265BCP Datasheet HTML 14Page - Analog Devices AD7265BCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
AD7265
ANALOG INPUT
The channels to be converted on simultaneously are selected via
the multiplexer address inputs A0 to A2. The logic states of
these pins are also checked upon the falling edge of CS and the
channels are chosen for the next conversion. The selected input
channels are decoded as shown in Table 6.
The analog inputs of the AD7265 may be configured as single
ended or true differential via the SGL/DIFF logic pin, as shown
in Figure 5. On the falling edge of CS, point A, the logic level of
the SGL/DIFF pin is checked to determine the configuration of
the analog input channels for the next conversion. If this pin is
tied to a logic low, the analog input channels to each on-chip
ADC are set up as three true differential pairs. If this pin is at a
logic high when CS goes low, the analog input channels to each
on-chip ADC are set up as six single-ended analog inputs. In
Figure 5 at point A, the SGL/DIFF pin is at a logic high so the
analog inputs are configured as single-ended for the next
conversion, i.e. sampling point B. At point B, the logic level of
the SGL/DIFF pin has changed to low; there fore, the analog
inputs are configured as differential for the next conversion
after this one, even though this current conversion is on single
ended configured inputs.
The analog input range of the AD7265 can be selected as 0 V to
VREF or 0 V to 2 × VREF via the RANGE pin. This selection is
made in a similar fashion to that of the SGL/DIFF pin by
checking the logic state of the RANGE pin upon the falling edge
of CS. The analog input range is set up for the next conversion.
If this pin is tied to a logic low upon the falling edge of CS, the
analog input range for the next conversion is 0 V to VREF. If this
pin is tied to a logic high upon the falling edge of CS, the analog
input range for the next conversion is 0 V to 2 × VREF.
OUTPUT CODING
The AD7265 output coding is set to either twos complement or
straight binary depending on which analog input configuration
is selected for a conversion. Table 5 shows which output coding
scheme is used for each possible analog input configuration.
A
CS
SCLK
SGL/DIFF
114
1
14
B
Table 5 AD7265 Output Coding
SGL/DIFF
Range
Output Coding
DIFF
0 V to VREF
Twos Complement
DIFF
0 V to 2 × VREF
Twos Complement
SGL
0 V to VREF
Straight Binary
SGL
0 V to 2 × VREF
Twos Complement
PSUEDO DIFF
0 V to VREF
Straight Binary
PSUEDO DIFF
0 V to 2 × VREF
Straight Binary
Figure 5. Selecting Differential or Single Ended Configuration
Table 6. Analog Input Type and Channel Selection
ADC A
ADC B
SGL/DIFF
A2
A1
A0
VIN+
VIN–
VIN+
VIN–
Comment
1
0
0
0
VA1
AGND
VB1
AGND
Single Ended
1
0
0
1
VA2
AGND
VB2
AGND
Single Ended
1
0
1
0
VA3
AGND
VB3
AGND
Single Ended
1
0
1
1
VA4
AGND
VB4
AGND
Single Ended
1
1
0
0
VA5
AGND
VB5
AGND
Single Ended
1
1
0
1
VA6
AGND
VB6
AGND
Single Ended
0
0
0
0
VA1
VA2
VB1
VB2
Fully Differential
0
0
0
1
VA1
VA2
VB1
VB2
Pseudodifferential
0
0
1
0
VA3
VA4
VB3
VB4
Fully Differential
0
0
1
1
VA3
VA4
VB3
VB4
Pseudodifferential
0
1
0
0
VA5
VA6
VB5
VB6
Fully Differential
0
1
0
1
VA5
VA6
VB5
VB6
Pseudodifferential
Rev. PrA | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com