Electronic Components Datasheet Search
  English  ▼

X  

OMAP5912 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5912
Description  Applications Processor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5912 Datasheet(HTML) 46 Page - Texas Instruments

Back Button OMAP5912 Datasheet HTML 42Page - Texas Instruments OMAP5912 Datasheet HTML 43Page - Texas Instruments OMAP5912 Datasheet HTML 44Page - Texas Instruments OMAP5912 Datasheet HTML 45Page - Texas Instruments OMAP5912 Datasheet HTML 46Page - Texas Instruments OMAP5912 Datasheet HTML 47Page - Texas Instruments OMAP5912 Datasheet HTML 48Page - Texas Instruments OMAP5912 Datasheet HTML 49Page - Texas Instruments OMAP5912 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 254 page
background image
Introduction
46
December 2003 − Revised March 2005
SPRS231D
Table 2−3. ZDY Package Terminal Characteristics (Continued)
ZDY
BALL
NO.
SUPPLY
RESET
STATE#
OTHER
BUFFER
STRENGTH§
PULLUP/
PULLDN‡
MUX CTRL SETTING
TYPE†
SIGNAL NAME
K14
GPIO14
I/O
Reg6[11:9] = 000
PU100,
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
K14
KB.R[6]
I
Reg6[11:9] = 001
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
LCD.RED0
O
Reg6[11:9] = 010
PD20
Z_STATE
Z
Reg6[11:9] = 011
L17
GPIO13
I/O
Reg6[14:12] = 000
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
L17
KB.R[5]
I
Reg6[14:12] = 001
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
LCD.BLUE0
O
Reg6[14:12] = 010
Z_STATE
Z
Reg6[14:12] = 011
L16
GPIO12
I/O
Reg6[17:15] = 000
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
L16
MCBSP3.FSX
I/O
Reg6[17:15] = 001
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
TIMER.EXTCLK
I
Reg6[17:15] = 011
K13
GPIO11
I/O
Reg6[20:18] = 000
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
K13
HDQ
I/O
Reg6[20:18] = 001
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
ETM.PSTAT[5]
O
Reg6[20:18] = 101
L15
GPIO7
I/O
Reg6[23:21] = 000
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
L15
MMC.DAT2
I/O
Reg6[23:21] = 001
PU20,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
TCK
I
Reg6[23:21] = 011
MCSI1.CLK
I/O
Reg6[23:21] = 100
ETM.SYNC[1]
O
Reg6[23:21] = 101
L14
GPIO6
I/O
Reg6[26:24] = 000
PD100,
PU20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
L14
MCBSP3.ESX
I/O
Reg6[26:24] = 010
PD100,
PU20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
TIMER.EVENT3
I
Reg6[26:24] = 011
MCSI1.DIN
I
Reg6[26:24] = 100
TMS
I
Reg6[26:24] = 101
M17
GPIO4
I/O
Reg6[29:27] = 000
PD100,
PU20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
M17
MCBSP3.FSX
I/O
Reg6[29:27] = 010
PD100,
PU20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
TIMER.EVENT4
I
Reg6[29:27] = 011
L13
GPIO3
I/O
Reg7[2:0] = 000
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
L13
MCBSP3.FSX
I/O
Reg7[2:0] = 010
PU100,
PD20
2 mA (Lv)
3 mA (Hv)
A, F, G1
LZ
DVDD9
LED1
O
Reg7[2:0] = 011
ETM.PSTAT[3]
O
Reg7[2:0] = 101
† I = Input, O = Output, Z = High-Impedance
‡ PD20 = 20-
µA internal pulldown, PD100=100-µA internal pulldown, PU20 = 20-µA internal pullup, PU100 = 100-µA internal pullup. Pullup or
pulldown can be enabled or disabled by software.
§ Lv = Low voltage (1.65 V), Hv = High voltage (2.5 V)
A = Standard LVCMOS input/output
G1 = Terminal may be gated by BFAIL
B = SUBLVDS input/ouput
G2 = Terminal may be gated by GPIO9 and MPUIO3
C = USB transceiver input/ouput
G3 = Terminal my be gated by BFAIL and OMAP5912 Internal Reset
D = I2C input/output buffers
H1 = Terminal may be 3-stated by BFAIL input
E = Analog oscillator terminals
H3 = MCSI1.DOUT pin can be forced into a high-impedance
F = Boundary-scannable terminal
state by the OMAP5912 HIGH_IMP3 control bit
K = Output buffer includes a serial resistor of 20
Ω to match with PCB line impedance and ensure proper signal integrity
# Z = High-Impedance, LZ = Low-Impedance (pin is driven), 1 = Output driven high, 0 = Output driven low
NOTES: 3. NA denotes no multiplexing on the ball
4. ‘Regx’ denotes the terminal multiplexing register that controls the specified terminal where Regx = FUNC_MUX_CTRL_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com