Electronic Components Datasheet Search
  English  ▼

X  

OMAP5912 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5912
Description  Applications Processor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5912 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OMAP5912 Datasheet HTML 17Page - Texas Instruments OMAP5912 Datasheet HTML 18Page - Texas Instruments OMAP5912 Datasheet HTML 19Page - Texas Instruments OMAP5912 Datasheet HTML 20Page - Texas Instruments OMAP5912 Datasheet HTML 21Page - Texas Instruments OMAP5912 Datasheet HTML 22Page - Texas Instruments OMAP5912 Datasheet HTML 23Page - Texas Instruments OMAP5912 Datasheet HTML 24Page - Texas Instruments OMAP5912 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 254 page
background image
Features
21
December 2003 − Revised March 2005
SPRS231D
1
OMAP5912 Features
D Low-Power, High-Performance CMOS
Technology
− 0.13-
µm Technology
− 192-MHz Maximum Frequency
− 1.6
+ 5% V Core Voltage
D ARM926EJ-S (MPU) Core
− Support for 32-Bit and 16-Bit
(Thumb
 Mode) Instruction Sets
− 16K-Byte Instruction Cache
− 8K-Byte Data Cache
− Data and Program Memory Management
Unit (MMU)
− 17-Word Write Buffer
− Two 64-Entry Translation Look-Aside
Buffers (TLBs) for MMUs
D TMS320C55x (C55x) DSP Core
− One/Two Instructions Executed per Cycle
− Dual Multipliers
(Two Multiply-Accumulates per Cycle)
− Two Arithmetic/Logic Units
− Five Internal Data/Operand Buses
(3 Read Buses and 2 Write Buses)
− 32K x 16-Bit On-Chip Dual-Access RAM
(DARAM) (64K Bytes)
− 48K x 16-Bit On-Chip Single-Access RAM
(SARAM) (96K Bytes)
− Instruction Cache (24K Bytes)
− Video Hardware Accelerators for DCT,
iDCT, Pixel Interpolation, and Motion
Estimation for Video Compression
D 250K Bytes of Shared Internal SRAM
D Memory Traffic Controller (TC)
− 16-Bit EMIFS Supports up to 256M Bytes
of External Memory (i.e., Async.
ROM/RAM, NOR/NAND Flash, and Sync.
Burst Flash)
− 16-Bit EMIFF to Access up to 64M Bytes
of SDRAM, Mobile SDRAM, or
Mobile DDR
D DSP Memory Management Unit
D DSP Peripherals
− Three 32-Bit Timers and Watchdog Timer
− Six-Channel DMA Controller
− Two Multichannel Buffered Serial Ports
− Two Multichannel Serial Interfaces
D MPU Peripherals
− Three 32-Bit Timers and Watchdog Timer
− USB 1.1 Host and Client Controllers
− USB On-the-Go (OTG) Controller
− 3 USB Ports, One With an Integrated
Transceiver
− Camera Interface for Parallel CMOS
Sensors
− Real-Time Clock (RTC)
− Pulse-Width Tone (PWT) Interface
− Pulse-Width Light (PWL) Interface
− Keyboard Matrix Interface (6 x 5 or 8 x 8)
− HDQ/1-Wire
 Interface
− Multimedia Card (MMC) and Secure
Digital (SD) Interface
− Up to 16 MPU General-Purpose I/Os
− Two LED Pulse Generators (LPGs)
− ETM9
 Trace Module for ARM926EJ-S
Debug
− 16-/18-Bit LCD Controller With Dedicated
System DMA Channel
− 32-kHz Operating System (OS) Timer
D Shared Peripherals
− 8 General-Purpose Timers
− Serial Port Interface (SPI)
− Three Universal Asynchronous
Receiver/Transmitters (UARTs) (Two
Supporting SIR mode for IrDA)
− Inter-Integrated Circuit (I2C) Master and
Slave Interface
− Multimedia Card (MMC) and Secure
Digital (SD) Interface
− Multichannel Buffered Serial Port
− Up to 64 Shared General-Purpose I/Os
− 32-kHz Synchro Counter
D Endian Conversion Unit
D Hardware Accelerators for Cryptographic
Functions
− Random Number Generation
− DES and 3DES
− SHA-1 and MD5
D Individual Power-Saving Modes for
MPU/DSP/TC
D On-Chip Scan-Based Emulation Logic
D IEEE Std 1149.1† (JTAG) Boundary Scan
Logic
D Two 289-Ball Lead-Free BGA (Ball Grid
Array) Packages (ZDY and ZZG)
All trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990 Standard Test-Access Port and Boundary Scan Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com