Electronic Components Datasheet Search
  English  ▼

X  

OMAP5912 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5912
Description  Applications Processor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5912 Datasheet(HTML) 90 Page - Texas Instruments

Back Button OMAP5912 Datasheet HTML 86Page - Texas Instruments OMAP5912 Datasheet HTML 87Page - Texas Instruments OMAP5912 Datasheet HTML 88Page - Texas Instruments OMAP5912 Datasheet HTML 89Page - Texas Instruments OMAP5912 Datasheet HTML 90Page - Texas Instruments OMAP5912 Datasheet HTML 91Page - Texas Instruments OMAP5912 Datasheet HTML 92Page - Texas Instruments OMAP5912 Datasheet HTML 93Page - Texas Instruments OMAP5912 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 254 page
background image
Introduction
90
December 2003 − Revised March 2005
SPRS231D
Table 2−5. Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
ZZG
BALL#
ZDY
BALL#
SHARED GENERAL-PURPOSE IO MODULES (GPIOs) (CONTINUED)
GPIO15
K16
M20
General-Purpose IOs module 1.
GPIO pins can be accessed and controlled by either the DSP Public
I/O
GPIO14
K14
N21
General-Purpose IOs module 1.
GPIO pins can be accessed and controlled by either the DSP Public
Peripheral Bus or the MPU Public Peripheral Bus.
I/O
GPIO13
L17
N19
Peripheral Bus or the MPU Public Peripheral Bus.
GPIO12
L16
N18
GPIO12
R5
W6
GPIO11
K13
N20
GPIO11
U6
V7
GPIO10
L6
V2
GPIO9
U7
W8
GPIO8
P7
Y8
GPIO7
L15
M15
GPIO7
U8
V9
P6
Y5
GPIO6
L14
P19
GPIO5
K3
P3
GPIO4
M17
P20
GPIO3
L13
P18
GPIO3
J6
N8
GPIO2
M16
M14
GPIO2
C12
D15
GPIO1
M15
R19
Value sampled at power-up reset selects protocol on EMIFS interface. If 0 is
sampled, protocol is non-address/data multiplexed. If 1 is sampled, protocol
is address/data multiplexed.
I/O
GPIO0
N17
R18
sampled, protocol is non-address/data multiplexed. If 1 is sampled, protocol
is address/data multiplexed.
† I = Input, O = Output, Z = High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com