Electronic Components Datasheet Search
  English  ▼

X  

PCU11005 Datasheet(PDF) 53 Page - Red Lion Controls. Inc

Part # PCU11005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU11005 Datasheet(HTML) 53 Page - Red Lion Controls. Inc

Back Button PCU11005 Datasheet HTML 49Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 50Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 51Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 52Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 53Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 54Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 55Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 56Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 57Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
Configure Module 7 - Second Analog Input (7-2N)
Unit returns to configuration access point if Second Analog Input option
is not installed.
Display
Parameter
Range and Units
(Factory Setting
Value)
Description/
Comments
OPEr
Second Analog
Input operation
mode
CSCd - Internal
Cascade mode
rSP - Remote
Setpoint mode
(rSP)
Remote Setpoint
mode also for
External Cascade
root
Square root
linearization
yes/no
(no)
Linearization applies
to the Second Input
dPt2
Second Input
decimal point
position
0, 0.0, 0.00
or 0.000
(0.0)
Normally same
position as main
input for Remote
Setpoint
dSP1
Second Input
scaling point #1
display value
-999 to 9999
(0.0)
Normally key-in
process low value
INP1
Second input
scaling point #1
input value
-9.99 to 99.99
(4.00)
Either key-in value
or press DSP for
measure/record
mode
dSP2
Second Input
scaling point #2
display value
-999 to 9999
(100.0)
Normally key-in
process high value
INP2
Second input
scaling point #2
input value
-9.99 to 99.99
(20.00)
Either key-in value
or press DSP for
measure/record
mode
SPtr
Local/Remote
Setpoint transfer
action
nor - normal
Auto - automatic
trAC - track
(nor)
Applies only to
Remote Setpoint
mode.
OPd2
Secondary output
power dampening
0 to 250 seconds
(2)
0=off
Configure Module 8 - Valve Positioner (8-VP)
Unit returns to configuration access point if Valve Positioner option is
not installed.
Display
Parameter
Range and Units
(Factory Setting
Value)
Description/
Comments
VPS1
Valve position #1
-99.9 to 999.9%
(0.0)
Normally full closed
valve position.
Either key-in value or
press DSP for
measure/record mode
VPS2
Valve position #2
-99.9 to 999.9%
(100.0)
Normally full open
valve position.
Either key-in value or
press DSP for
measure/record mode
VUdt
Valve update time
0 to 250 seconds
(10)
0 = update at a rate of
10/sec.
VPdb
Valve position
deadband
0.1 to 25.0%
(2.5)
Adjust to reduce
hunting and valve
activity (Position
mode only)
VFAL
Valve fail time
alarm
0 to 9999 seconds
(0)
0=off, set value larger
than update time plus
motor transit time
(Position mode only)
VOPt
Valve motor open
time
1 to 9999 seconds
(30)
Measure actual valve
motor open time
(Velocity mode only)
VCLt
Valve motor close
time
1 to 9999 seconds
(30)
Measure actual valve
motor close time
(Velocity mode only)
VOnt
Valve minimum on
time
0.1 to 25.0 seconds
(1.0)
Adjust to reduce
hunting and valve
activity (Velocity
mode only)
-45-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com