Electronic Components Datasheet Search
  English  ▼

X  

PCU11005 Datasheet(PDF) 83 Page - Red Lion Controls. Inc

Part # PCU11005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU11005 Datasheet(HTML) 83 Page - Red Lion Controls. Inc

Back Button PCU11005 Datasheet HTML 79Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 80Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 81Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 82Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 83Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 84Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 85Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 86Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 87Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
OUTPUT LEAKAGE CURRENT
The AL1 and AL2/OP2 outputs of the PCU have an RC Network (Snubber)
on the Normally Open contacts. High energy noise spikes are generated
whenever current through an inductive load (such as motors, solenoids or
relay coils) is interrupted. This noise may interfere with the unit doing the
switching and other nearby equipment causing erratic operation and
accelerate relay contact wear.
The Snubber Network is specifically designed with a capacitor and resistor
connected in series and installed across relay contacts. The network will have
a small amount of AC leakage current even when the PCU’s Relay Module is
“off”. The leakage current is 2.1 mA nominal at a line voltage of 120 VAC,
and 4.3 mA nominal at 240 VAC respectively. Leakage current may cause
some loads to stay on or to turn on when the Relay Module is turned off. This
would only occur in unusual applications (such as with a relay with unusually
low holding current or an LED). The leakage current may be eliminated by
disabling the snubber, however, doing so will degrade the EMC performance
of the unit.
First determine which output is associated with the leakage current: either
AL1 or AL2/OP2. Remove the Bezel Assembly from the case (see
Removing
Bezel Assembly, page 5). The snubbers are located on the Option PCB (on the
right side of the unit when viewed from the front). The snubbers consist of a
capacitor and a resistor. The two resistors are located along the upper rear
edge of the Option PCB. They are green in color and have color code stripes of
yellow, violet, black and gold. There will be markings on the PCB close to the
resistors that say “SNUB1” and “SNUB2” for AL1 and AL2/OP2
respectively. Using a pair of diagonal cutters, cut both leads of the
appropriate resistor and remove it from the unit. Be sure to remove the resistor
for only the problem alarm channel; leave the other channel’s snubber
functional in case it is needed.
The above stated leakage currents are valid when using the Relay Module
(OMD00000). The Triac Module (OMD00001) has it’s own built in snubber
and will introduce additional leakage current into the circuit. The Triac
Module has leakage current of 2.1 mA nominal at a line voltage of 120 VAC,
and 4.3 mA nominal at 240 VAC.
Note: The Snubber Network will be in one of the two configurations shown at
right, depending on model ordered.
-75-
Figure 40, Snubber Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com