Electronic Components Datasheet Search
  English  ▼

X  

PCU11005 Datasheet(PDF) 55 Page - Red Lion Controls. Inc

Part # PCU11005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU11005 Datasheet(HTML) 55 Page - Red Lion Controls. Inc

Back Button PCU11005 Datasheet HTML 51Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 52Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 53Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 54Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 55Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 56Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 57Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 58Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 59Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
RS485 SERIAL COMMUNICATIONS INTERFACE
RS485 communications allows for transmitting and receiving of data over
a single pair of wires. This optional feature can be used for monitoring various
values, resetting output(s), and changing values, all from a remote location.
Typical devices that are connected to a PCU unit are a printer, a terminal, a
programmable controller, or a host computer.
The RS485 differential (balanced) design has good noise immunity and
allows for communication distances up to 4,000 feet. Up to thirty-two units can
be connected on a pair of wires and a common. The RS485 common is isolated
from the controller input signal common to eliminate ground loop problems
associated with the input probe. The unit’s address can be programmed from 0
to 99. An optional RLC Serial Converter Module GCM422 (RS-422 to 20 mA
current loop) can be installed to expand the unit’s flexibility.
COMMUNICATION FORMAT
The half-duplex communication operation sends data by switching voltage
levels on the common pair of wires. Data is received by monitoring the levels
and interpreting the codes that are transmitted. In order for data to be
interpreted correctly, there must be identical formats and baud rates between
the communicating devices. The formats available for the PCU unit are 1 start
bit, 7 data bits, No parity (parity equals extra stop bit) or 1 parity bit (odd or
even) and 1 stop bit. The programmable baud rates are; 300, 600, 1200, 2400,
4800, or 9600 baud.
Before serial communication can take place, the unit must be programmed
to the same baud rate and parity as the connected equipment. In addition, the
loop address number and print options should be known. When used with a
terminal or host computer and only one unit is employed, an address of zero
may be used to eliminate the requirement for the address specifier when
sending a command. If more than one unit is on the line, each unit should be
assigned a different address number.
SENDING COMMANDS AND DATA
When sending commands to a PCU unit, a command string must be
constructed. The command string may consist of command codes, value
identifiers, and numerical data. Below is a list of commands and value
identifiers that are used when communicating with the PCU unit.
Command
Description
N (4EH)
Address command: Followed by a one or two digit
address number 0-99.
P (50H)
Transmit print options command; Transmits the options
selected in the Program Options (PoPt) section.
R (52H)
Reset command; Followed by one of the Value Identifiers
(G or H).
T (54H)
Transmit value command; Followed by one of the Value
Identifiers (A-M, O, Q, W-Z, AA, or BB).
C (43H)
Control action command; Followed by the Value Identifier
(S or U) and number.
V (56H)
Change value command: Followed by one Value Identifier
(B-H, J-M, O, Q, or X-Z), then the proper numerical data.
-47-
Figure 21, 10 Bit Data Format,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com