Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC555 Datasheet HTML 1Page - National Semiconductor (TI) LMC555 Datasheet HTML 2Page - National Semiconductor (TI) LMC555 Datasheet HTML 3Page - National Semiconductor (TI) LMC555 Datasheet HTML 4Page - National Semiconductor (TI) LMC555 Datasheet HTML 5Page - National Semiconductor (TI) LMC555 Datasheet HTML 6Page - National Semiconductor (TI) LMC555 Datasheet HTML 7Page - National Semiconductor (TI) LMC555 Datasheet HTML 8Page - National Semiconductor (TI) LMC555 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Notes 1, 2)
Test Circuit, T = 25˚C, all switches open, RESET to V
S unless otherwise noted (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Limits)
t
PD
Trigger Propagation Delay
V
S = 5V, Measure Delay
from Trigger to Output
100
ns
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: See AN-450 for other methods of soldering surface mount devices, and also AN-1112 for micro SMD considerations.
Note 4: If the RESET pin is to be used at temperatures of −20˚C and below VS is required to be 2.0V or greater.
Note 5: For device pinout please refer to table 1
TABLE 1. Package Pinout Names vs. Pin Function
Pin Function
Package Pin numbers
8-Pin SO,MSOP, and MDIP
8-Bump micro SMD
GND
1
7
Trigger
26
Output
3
5
Reset
44
Control Voltage
5
3
Threshold
6
2
Discharge
7
1
V
+
88
Test Circuit (Note 5)
DS008669-2
Maximum Frequency Test Circuit (Note 5)
DS008669-3
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com