Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC555 Datasheet HTML 3Page - National Semiconductor (TI) LMC555 Datasheet HTML 4Page - National Semiconductor (TI) LMC555 Datasheet HTML 5Page - National Semiconductor (TI) LMC555 Datasheet HTML 6Page - National Semiconductor (TI) LMC555 Datasheet HTML 7Page - National Semiconductor (TI) LMC555 Datasheet HTML 8Page - National Semiconductor (TI) LMC555 Datasheet HTML 9Page - National Semiconductor (TI) LMC555 Datasheet HTML 10Page - National Semiconductor (TI) LMC555 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Info (Continued)
the modulating signal, since the threshold voltage and hence
the time delay is varied.
Figure 11 shows the waveforms
generated for a triangle wave modulation signal.
50% DUTY CYCLE OSCILLATOR
The frequency of oscillation is
f = 1/(1.4 R
CC)
DS008669-21
FIGURE 10. Pulse Position Modulator
DS008669-16
VCC = 5V
Top Trace: Modulation Input 1V/Div.
TIME = 0.1 ms/Div.
Bottom Trace: Output Voltage 2V/Div.
RA = 3.9 kΩ
RB = 3kΩ
C = 0.01µF
FIGURE 11. Pulse Position Modulator Waveforms
DS008669-6
FIGURE 12. 50% Duty Cycle Oscillator
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com