Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC555 Datasheet HTML 1Page - National Semiconductor (TI) LMC555 Datasheet HTML 2Page - National Semiconductor (TI) LMC555 Datasheet HTML 3Page - National Semiconductor (TI) LMC555 Datasheet HTML 4Page - National Semiconductor (TI) LMC555 Datasheet HTML 5Page - National Semiconductor (TI) LMC555 Datasheet HTML 6Page - National Semiconductor (TI) LMC555 Datasheet HTML 7Page - National Semiconductor (TI) LMC555 Datasheet HTML 8Page - National Semiconductor (TI) LMC555 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC555
CMOS Timer
General Description
The LMC555 is a CMOS version of the industry standard
555 series general purpose timers. In addition to the stan-
dard package (SOIC, MSOP, and MDIP) the LMC555 is also
available in a chip sized package (8 Bump micro SMD) using
National’s micro SMD package technology. The LMC555 of-
fers the same capability of generating accurate time delays
and frequencies as the LM555 but with much lower power
dissipation and supply current spikes. When operated as a
one-shot, the time delay is precisely controlled by a single
external resistor and capacitor. In the stable mode the oscil-
lation frequency and duty cycle are accurately set by two ex-
ternal resistors and one capacitor. The use of National Semi-
conductor’s LMCMOS™ process extends both the frequency
range and low supply capability.
Features
n
Less than 1 mW typical power dissipation at 5V supply
n
3 MHz astable frequency capability
n
1.5V supply operating voltage guaranteed
n
Output fully compatible with TTL and CMOS logic at 5V
supply
n
Tested to −10 mA, +50 mA output current levels
n
Reduced supply current spikes during output transitions
n
Extremely low reset, trigger, and threshold currents
n
Excellent temperature stability
n
Pin-for-pin compatible with 555 series of timers
n
Available in 8 pin MSOP Package and 8-Bump micro
SMD package
Block and Connection Diagrams
LMCMOS™ is a trademark of National Semiconductor Corp.
8-Pin SOIC, MSOP,
and MDIP Packages
DS008669-1
Top View
8-Bump micro SMD
DS008669-9
Top View
(bump side down)
February 2000
© 2000 National Semiconductor Corporation
DS008669
www.national.com


Similar Part No. - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
772Kb / 12P
CMOS Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
LMC555 TI1-LMC555 Datasheet
1Mb / 28P
CMOS Timer
logo
Silicon Supplies
LMC555 SS-LMC555 Datasheet
302Kb / 8P
CMOS Low Power Timer
Rev 1.1 21/01/18
logo
Texas Instruments
LMC555 TI2-LMC555 Datasheet
1Mb / 35P
LMC555 CMOS Timer
REVISED MARCH 2024
More results

Similar Description - LMC555

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
CMOS Programmable Timer
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com