Electronic Components Datasheet Search
  English  ▼

X  

PI5A3159 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A3159
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI5A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8634C
09/13/04
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Test Circuits/Timing Diagrams (continued)
Figure 4. Off Isolation/On-Channel Bandwidth
Figure 6. Channel-Off Capacitance
Figure 5. Crosstalk
Figure 7. Channel-On Capacitance
Figure 8. Bandwidth
V+
+5V
Analyzer
IN
10nF
NC or
NO
COM1
0V to 2.4V
or
0V to 2V
GND
50
Ω
50
Ω
Analyzer
Signal
Generator
0dBm
COM
10nF
GND
NC
NO
IN
VCC
V+
50
Ω
50
Ω
Capacitance
Meter
COM
IN
10nF
GND
f = 1 MHz
NC
+5V
V+
0V to 2.4V
or 0V to 2V
V+
+5V
NC
Capacitance
Meter
GND
COM
10nF
IN
0V or
2.4V
f = 1MHz
V+
GND
NC or
NO
10nF
COM
+5V
Vo
Rg = 50Ω
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com