Electronic Components Datasheet Search
  English  ▼

X  

PI5A3159 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A3159
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A3159 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8634C
09/13/04
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Electrical Specifications - Single +5V Supply (continued)
(V+ = + 5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
Conditions
Temp(°C)
Min(1)
Typ(2)
Max(1)
Units
Analog Switch
Input HIGH Voltage
VIH
Guaranteed Logic HIGH level
V
Input LOW Voltage
VIL
Guaranteed Logic LOW level
0.8
Input Current with
HIGH Voltage
IINH
VIN = 2.4V, all others = 0.8V
-1
0.005
1
µA
Input Current with LOW
Voltage
IINL
VIN = 0.8V, all others = 2.4V
-1
0.005
1
Dynamic
Turn-On-Time
tON
VCC = 5V,
See Fig. 1
25
20
35
ns
Full
40
Turn-Off-Time
tOFF
25
15
20
Full
35
Break-Before-Make
tBBM
See Fig. 3
25
1
12
14.5
Full
1
17.5
Charge Injection(3)
Q
CL -1nF, VGEN = 0V,
RGEN = 0V, See Fig 2
25
40
pC
Off Isolation
OIRR
RL = 50Ω, f = 1MHz, See Fig 4
-57
dB
CrossTalk(9)
XTALK
RL = 50Ω, f = 1MHz, See Fig 4
-57
NC or NO Capacitance
CNC/NO(OFF) f = 1MHz, See Fig 6
42
pF
COM Off Capacitance
CCOM(OFF)
f = 1MHz, See Fig 6
83
COM On Capacitance
CCOM(ON)
f = 1MHz, See Fig 7
130
Supply
Power-Supply Range
V+
Full
1.8
5.5
V
Positive Supply Current
1+
V+ = 5.5V, VIN = 0V or V+,
All Channels ON or OFF
Full
0.5
1
µA
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. Device is NOT guaranteed to function per the datasheet specification outside of 0 to V+ range.
5. ΔRON = RON max. - RON min.
6. Flatness is defined as the difference between the maximum and minimum value of On-resistance measured.
7. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
8. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 4.
9. Between any two switches. See Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com