Electronic Components Datasheet Search
  English  ▼

X  

PI5A3159 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A3159
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A3159 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8634C
09/13/04
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of
this specification is not implied.
Absolute Maximum Ratings
Voltages Referenced to GND
V+ ...................................................................... –0.5V to +5.5V
VIN, VCOM, VNC, VNO (1)............................–0.5V to V+ +0.3V
or 30mA, whichever occurs first
Current (any terminal)................................................... ±200mA
Peak Current, COM, NO, NC
(Pulsed at 1ms, 10% duty cycle)................................... ±400mA
Note:
1. Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped
by internal diodes. Limit forward diode current to 30mA.
Thermal Information
Continuous Power Dissipation
SOT23 (derate 7.1mW/ºC above +70ºC)............................ 0.5W
Storage Temperature ........................................–65ºC to +150ºC
Lead Temperature (soldering, 10s) ................................. +300ºC
Electrical Specifications - Single +5V Supply
(V+ = +5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter
Symbol
Conditions
Temp(°C)
Min(1)
Typ(2) Max(1) Units
Analog Switch
Analog Signal Range(3, 4)
VANALOG
Full
0
V+
V
On-Resistance
RON
V+ = 4.5V,
ICOM = -30mA,
VNO or VNC = +2.5V
25
0.70
0.90
Ω
Full
1.1
On-Resistance Match
Between Channels(5)
∆RON
25
0.03
0.05
Full
0.10
On-Resistance Flatness(6)
RFLAT(ON)
V+ = 4.5V,
ICOM = -30mA,
VNO or VNC = 1V, 1.5V, 2.5V
25
0.08
0.12
Full
0.15
NO or NC Off Leakage
Current (7)
INO(OFF) or
INC(OFF)
V+ = 5.5V,
VCOM = 0V,
VNO or VNC = 4.5V
25
2
0.01
2
nA
Full
-20
20
COM On Leakage Cur-
rent(7)
ICOM(ON)
V+ = 5.5V,
VCOM = 4.5V,
VNO or VNC = 4.5V
25
-4
4
Full
-40
0.3
40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com