Electronic Components Datasheet Search
  English  ▼

X  

ES4118F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES4118F
Description  Super VCD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4118F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES4118F Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4118F Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4118F Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4118F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2001 ESS Technology, Inc. All rights reserved.
SAM0422-052901
ES4118 PRODUCT BRIEF
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. Patent 4,214,125 and others, other patents
pending.
VideoDrive
® is a registered trademark of ESS Technology,
Inc.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
ORDERING INFORMATION
DCLK
105
I
Clock input (bypass/test mode).
YUV[7:0]
106:110, 113:115
O
8-bit YUV output.
PCLK2XSCN
116
I/O
27 MHz doubled pixel clock.
PCLKQSCN
117
I/O
13.5 MHz pixel clock.
VSYNC#
118
I/O
Vertical sync.
HSYNC#
119
I/O
Horizontal sync.
HD[15:0]
122:128, 131:137,
140:141
I/O
Host data bus.
VPP
159
I
5V power supply.
AUX[7:0]
160:162, 165:169
I/O
Auxiliary ports.
LOE#
170
O
Device output enable.
LCS[3:0]#
173:176
O
Chip select [3:0].
LD[15:0]
178:182, 185:191,
194:197
I/O
Device data bus.
LWRLL#
198
O
Device write enable.
LWRHL#
199
O
Device write enable.
Table 1
ES4118 Pin Descriptions List (Continued)
Name
Number
I/O
Definition
Part Number
Description
Package
ES4118F
Super VCD Processor
208-pin PQFP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com