| Electronic Components Datasheet Search |
|
ES4118F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ES4118F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() ESS Technology, Inc. SAM0422-052901 1 Swan ™ ES4118 Super VCD Processor Product Brief DESCRIPTION The Swan ™ ES4118 processor is a single-chip solution for Super Video Compact Disk (SVCD) players that integrates MPEG audio and video decoding, as well as system control software. The fully programmable The ES4118 offers the best feature set compared to existing SVCD chips and includes a glueless interface to various peripheral components. The ES4118 is the most cost-effective solution in its class, with levels of integration and quality that establish new benchmarks. The ES4118 processor is capable of decoding MPEG-2 audio simultaneously with MPEG-1 or MPEG-2 video. For embedded applications, the RISC processor core of the ES4118 can be used in place of a microcontroller to provide a rich set of system control features. On-chip, multitap filters provide arbitrary scaling with state-of-the-art SmartScale™ technology that is useful for video standards conversion. SmartStream™ provides video error concealment and video postprocessing, ensuring the highest playability and video quality. The ES4118 connects directly with both 8- and 16-bit ROM and with either 16-bit SDRAM ICs or with EDO DRAM ICs. An 8-bit YUV video interface supports many TV encoders. General- purpose auxiliary pins are provided to control various peripheral devices. A standard I2S interface supports popular audio DACs and ADCs. Figure 1 shows a block diagram of a typical standalone system, using the ES4118 with the glueless SDRAM interface. The SVCD data system stream from a CD disc is passed to the ES4118 through the I2S interface. The ES4118 parses the system layer and demultiplexes the audio and video streams. Audio is decoded and passed through the I2S audio serial bus to an external audio DAC and then to the speakers. Video is decoded and output as YUV pixels to an NTSC or PAL video encoder. Onchip system control and housekeeping functions (keypad and remote control) are also provided. FEATURES • Single-chip SVCD decoder in a 208-pin plastic quad flat package (PQFP) • Supports MPEG-1 system and MPEG-2 program streams • Programmable multimedia processor architecture • Compatible with Audio CD, Video CD 1.1, 2.0, Interactive VCD 3.0, and Super Video CD Video • Trick modes, including Slow, Fast Forward, Fast Reverse, Step, and Goto • 4-bit onscreen display (OSD) with 4-bit blending • 8-bit YUV output Audio • Karaoke function • Supports 256/384iframe sync audio system clock • Bidirectional I2S audio interface Smart Technology • SmartScale™ for NTSC to PAL conversion and vice versa • SmartStream™ for video error concealment Peripheral • Independent audio bit clock for transmit and receive port • Direct servo/loader interface • Supports up to 4 MB of SDRAM and/or 4 MB of EDO DRAM • Eight general-purpose auxiliary ports • Single 27-MHz clock input • Power management BLOCK DIAGRAM Figure 1 Typical ES4118 System Block Diagram Swan™ ES4118 2 MB SDRAM CD loader EPROM Panel Interface NTSC/PAL Encoder Audio Codec TV MIC Speakers Remote Control/ Keypad Video Audio |
Similar Part No. - ES4118F |
|
Similar Description - ES4118F |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |