Electronic Components Datasheet Search
  English  ▼

X  

LMC6061 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6061
Description  Precision CMOS Single Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6061 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6061 Datasheet HTML 1Page - National Semiconductor (TI) LMC6061 Datasheet HTML 2Page - National Semiconductor (TI) LMC6061 Datasheet HTML 3Page - National Semiconductor (TI) LMC6061 Datasheet HTML 4Page - National Semiconductor (TI) LMC6061 Datasheet HTML 5Page - National Semiconductor (TI) LMC6061 Datasheet HTML 6Page - National Semiconductor (TI) LMC6061 Datasheet HTML 7Page - National Semiconductor (TI) LMC6061 Datasheet HTML 8Page - National Semiconductor (TI) LMC6061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V, V−
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6061AM
LMC6061AI
LMC6061I
Symbol
Parameter
Conditions
(Note 9)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 5V
4.995
4.990
4.990
4.950
V
R
L = 100 kΩ to 2.5V
4.970
4.980
4.925
Min
0.005
0.010
0.010
0.050
V
0.030
0.020
0.075
Max
V
+ = 5V
4.990
4.975
4.975
4.950
V
R
L = 25 kΩ to 2.5V
4.955
4.965
4.850
Min
0.010
0.020
0.020
0.050
V
0.045
0.035
0.150
Max
V
+ = 15V
14.990
14.975
14.975
14.950
V
R
L = 100 kΩ to 7.5V
14.955
14.965
14.925
Min
0.010
0.025
0.025
0.050
V
0.050
0.035
0.075
Max
V
+ = 15V
14.965
14.900
14.900
14.850
V
R
L = 25 kΩ to 7.5V
14.800
14.850
14.800
Min
0.025
0.050
0.050
0.100
V
0.200
0.150
0.200
Max
I
O
Output Current
Sourcing, V
O = 0V
22
16
16
13
mA
V
+ = 5V
810
8
Min
Sinking, V
O = 5V
21
16
16
16
mA
78
8
Min
I
O
Output Current
Sourcing, V
O = 0V
25
15
15
15
mA
V
+ = 15V
910
10
Min
Sinking, V
O = 13V
35
24
24
24
mA
(Note 10)
78
8
Min
I
S
Supply Current
V
+ = +5V, V
O = 1.5V
20
24
24
32
µA
35
32
40
Max
V
+ = +15V, V
O = 7.5V
24
30
30
40
µA
40
38
48
Max
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6061AM
LMC6061AI
LMC6061I
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 8)
35
20
20
15
V/ms
810
7
Min
GBW
Gain-Bandwidth Product
100
kHz
θ
m
Phase Margin
50
Deg
en
Input-Referred Voltage Noise
F = 1 kHz
83
in
Input-Referred Current Noise
F = 1 kHz
0.0002
T.H.D.
Total Harmonic Distortion
F = 1 kHz, AV = −5
RL = 100 kΩ,VO = 2VPP
0.01
%
±5V Supply
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com