Electronic Components Datasheet Search
  English  ▼

X  

LMC6061 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6061
Description  Precision CMOS Single Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6061 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6061 Datasheet HTML 1Page - National Semiconductor (TI) LMC6061 Datasheet HTML 2Page - National Semiconductor (TI) LMC6061 Datasheet HTML 3Page - National Semiconductor (TI) LMC6061 Datasheet HTML 4Page - National Semiconductor (TI) LMC6061 Datasheet HTML 5Page - National Semiconductor (TI) LMC6061 Datasheet HTML 6Page - National Semiconductor (TI) LMC6061 Datasheet HTML 7Page - National Semiconductor (TI) LMC6061 Datasheet HTML 8Page - National Semiconductor (TI) LMC6061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C, Unless otherwise
specified (Continued)
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C, Unless otherwise specified
Common Mode
Rejection Ratio
vs Frequency
DS011422-21
Power Supply Rejection
Ratio vs Frequency
DS011422-22
Input Voltage Noise
vs Frequency
DS011422-23
Output Characteristics
Sourcing Current
DS011422-24
Output Characteristics
Sinking Current
DS011422-25
Gain and Phase Response
vs Temperature
(−55˚C to +125˚C)
DS011422-26
Gain and Phase
Response vs Capacitive Load
with R
L = 20 kΩ
DS011422-27
Gain and Phase
Response vs Capacitive Load
with R
L = 500 kΩ
DS011422-28
Open Loop
Frequency Response
DS011422-29
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com