Electronic Components Datasheet Search
  English  ▼

X  

LMC6061 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6061
Description  Precision CMOS Single Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6061 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6061 Datasheet HTML 1Page - National Semiconductor (TI) LMC6061 Datasheet HTML 2Page - National Semiconductor (TI) LMC6061 Datasheet HTML 3Page - National Semiconductor (TI) LMC6061 Datasheet HTML 4Page - National Semiconductor (TI) LMC6061 Datasheet HTML 5Page - National Semiconductor (TI) LMC6061 Datasheet HTML 6Page - National Semiconductor (TI) LMC6061 Datasheet HTML 7Page - National Semiconductor (TI) LMC6061 Datasheet HTML 8Page - National Semiconductor (TI) LMC6061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC6061
Precision CMOS Single Micropower Operational
Amplifier
General Description
The LMC6061 is a precision single low offset voltage, mi-
cropower operational amplifier, capable of precision single
supply operation. Performance characteristics include ultra
low input bias current, high voltage gain, rail-to-rail output
swing, and an input common mode voltage range that in-
cludes ground. These features, plus its low power consump-
tion, make the LMC6061 ideally suited for battery powered
applications.
Other applications using the LMC6061 include precision
full-wave rectifiers, integrators, references, sample-and-hold
circuits, and true instrumentation amplifiers.
This device is built with National’s advanced double-Poly
Silicon-Gate CMOS process.
For designs that require higher speed, see the LMC6081
precision single operational amplifier.
For a dual or quad operational amplifier with similar features,
see the LMC6062 or LMC6064 respectively.
PATENT PENDING
Features
(Typical Unless Otherwise Noted)
n Low offset voltage:
100 µV
n Ultra low supply current:
20 µA
n Operates from 4.5V to 15V single supply
n Ultra low input bias current:
10 fA
n Output swing within 10 mV of supply rail, 100k load
n Input common-mode range includes V
−
n High voltage gain:
140 dB
n Improved latchup immunity
Applications
n Instrumentation amplifier
n Photodiode and infrared detector preamplifier
n Transducer amplifiers
n Hand-held analytic instruments
n Medical instrumentation
n D/A converter
n Charge amplifier for piezoelectric transducers
Connection Diagram
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Military
Industrial
−55˚C to +125˚C
−40˚C to +85˚C
8-Pin
LMC6061AMN
LMC6061AIN
N08E
Rail
Molded DIP
LMC6061IN
8-Pin
LMC6061AIM
M08A
Rail
Small Outline
LMC6061IM
Tape and Reel
8-Pin
LMC6061AMJ/883
J08A
Rail
Ceramic DIP
8-Pin DIP/SO
DS011422-1
Top View
November 1994
© 1999 National Semiconductor Corporation
DS011422
www.national.com


Similar Part No. - LMC6061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
LMC6061AIM/NOPB TI1-LMC6061AIM/NOPB Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6061AIMNOPB NSC-LMC6061AIMNOPB Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
LMC6061AIMX NSC-LMC6061AIMX Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061AIMX/NOPB TI1-LMC6061AIMX/NOPB Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
More results

Similar Description - LMC6061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com