Electronic Components Datasheet Search
  English  ▼

X  

SP6685ER Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6685ER
Description  Charge Pump LED Driver For Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 1 Page - Sipex Corporation

  SP6685ER Datasheet HTML 1Page - Sipex Corporation SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation SP6685ER Datasheet HTML 5Page - Sipex Corporation SP6685ER Datasheet HTML 6Page - Sipex Corporation SP6685ER Datasheet HTML 7Page - Sipex Corporation SP6685ER Datasheet HTML 8Page - Sipex Corporation SP6685ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 12/15/04
SP6685 Charge Pump LED Driver for Camera Flash
© Copyright 2004 Sipex Corporation
SP6685
DESCRIPTION
The SP6685 is a current regulated charge pump ideal for powering high brightness LEDs for
camera flash applications. The charge pump can be set to regulate two current levels for
FLASH and TORCH modes. The SP6685 automatically switches modes between step-up
and step-down ensuring that LED current does not depend on the forward voltage. A low
current sense reference voltage (50mV) allows the use of small 0603 current sensing
resistors. The SP6685 is offered in 10-pin DFN package.
®
TYPICAL APPLICATION CIRCUIT
FEATURES
■ High Output Current Charge Pump: 700mA
■ Adjustable FLASH mode
■ x1 and x2 Automatic Modes for High Efficiency
■ Minimum External Components: No Inductors
■ High Frequency Operation: 2.4 MHz
■ Low 50mV reference for low loss sensing
■ 1 µA shutdown current
■ PWM Dimming Control
■ Over voltage protection on output
■ Over current protection
■ Over temperature protection
■ Space Saving 10-pin 3mm x 3mm DFN
Package
APPLICATIONS
■ LED Torch/Flash for Cell
Phones, DSCs, and Camcorders
■ Generic Lighting/Flash/Strobe
Applications
Charge Pump LED Driver For Camera Flash
Preliminary
Now Available in Lead Free Packaging
SP6685
10 Pin DFN
10
9
8
7
6
VOUT
PGND
SGND
FB
RSET
1
2
3
4
5
VIN
C1
C2
FLASH
EN
SP6685
®
D1
1W LED
ENABLE
TORCH/FLASH
C1
C2
FLASH
FB
PGND
SGND
RSET
VOUT
VIN
4.7µF
(2.7 - 4.3V)
1µF
1µF
EN
RSENSE
RSET
0.22
Ω
CIN
COUT
CFC
VIN
88.7K
VREF = 50 - 150mV


Similar Part No. - SP6685ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685ER SIPEX-SP6685ER Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
SP6685ER SIPEX-SP6685ER Datasheet
187Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6685ER-L EXAR-SP6685ER-L Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6685ER-L/TR EXAR-SP6685ER-L/TR Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685ER/TR SIPEX-SP6685ER/TR Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6685ER

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
500mA Camera LED Charge Pump
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
Monolithic Power System...
EV3214DQ-00A MPS-EV3214DQ-00A Datasheet
200Kb / 4P
500mA, LED Camera Flash Charge Pump EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com