Electronic Components Datasheet Search
  English  ▼

X  

SP6685ER Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6685ER
Description  Charge Pump LED Driver For Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation SP6685ER Datasheet HTML 5Page - Sipex Corporation SP6685ER Datasheet HTML 6Page - Sipex Corporation SP6685ER Datasheet HTML 7Page - Sipex Corporation SP6685ER Datasheet HTML 8Page - Sipex Corporation SP6685ER Datasheet HTML 9Page - Sipex Corporation SP6685ER Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 12/15/04
SP6685 Charge Pump LED Driver for Camera Flash
© Copyright 2004 Sipex Corporation
FUNCTIONAL DIAGRAM
The SP6685 is a charge pump regulator
designed for converting a Li-Ion battery
voltage of 2.7V to 4.2V to drive a white LED
used in digital still camera Flash and Torch
applications. The SP6685 has two modes
of operation which are pin selectable for
either Flash or Torch. Flash mode is usually
used with a pulse of about 200 to 300
milliseconds to generate a high intensity
Flash. Torch can be used continuously at a
lower output current than Flash and is often
used for several seconds in a digital still
camera “movie” mode.
The SP6685 also has two modes of opera-
tion to control the output current, the 1X
mode and 2X mode. Operation begins after
the enable pin EN receives a logic high, the
bandgap reference wakes up after 200µsec,
and then SP6685 goes through a soft-start
mode designed to reduce inrush current.
The SP6685 starts in the 1X mode, which
acts like a linear regulator to control the
output current by continuously monitoring
the feedback pin FB. In 1X mode, if the
SP6685 auto detects a dropout condition,
which is when the FB pin is below the
THEORY OF OPERATION
RSET BLOCK
6
RSET
RSET
V=
{1.26V
RSET
}
x11.2kohms
+
-
1.25V
+
-
BG REF
RSET REF
RESISTOR
TAPS
50mV
4
FLASH
FLASH=1, S=1, RSET REF
FLASH=0, S=0, 50mV
1
0 s
MUX
2x1
FB REF
7
FB
SGN 8
FB
COM P
+
-
FB COMP
CLR
COUNTER
32 COUNT
ONE
SHOT
SET
DOMIANT
S
R
0
MODE SWITCH
0 =1X
1=2X
1
5
EN
VIN
135C ON
145C OFF
THERMAL FAULT
OVER TEMP COMP
CLK
CLK
2.4MHZ
CHARGE
PUMP
SWITCHES
PGND
C1
C2
VOUT
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com