Electronic Components Datasheet Search
  English  ▼

X  

SP6685ER Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6685ER
Description  Charge Pump LED Driver For Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation SP6685ER Datasheet HTML 5Page - Sipex Corporation SP6685ER Datasheet HTML 6Page - Sipex Corporation SP6685ER Datasheet HTML 7Page - Sipex Corporation SP6685ER Datasheet HTML 8Page - Sipex Corporation SP6685ER Datasheet HTML 9Page - Sipex Corporation SP6685ER Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 12/15/04
SP6685 Charge Pump LED Driver for Camera Flash
© Copyright 2004 Sipex Corporation
regulation point for more than 32 cycles of
the internal clock, the SP6685 automati-
cally switches to the 2X mode. The SP6685
remains in the 2X mode until one of four
things happens: the enable pin EN has
been toggled, the Flash pin has changed
from high to low, V
IN is cycled or a thermal
fault occurs. The 2X mode is the charge
pump mode where the output can be pumped
as high as two times the input voltage,
provided the output does not exceed the
maximum voltage for the SP6685, which is
internally limited to about 4.3V. In the 2X
mode, as in the 1X mode, the output current
is regulated by the voltage at the FB pin.
In the Torch mode, (Flash = GND) the Flash
pin is set to logic low and the SP6685 FB pin
regulates to 50mV output:
V
FB = 50mV (Torch Mode)
THEORY OF OPERATION
When in Flash mode, (Flash = V
IN), the FB
regulation voltage is set by the resistor R
SET
connected between the R
SET pin and SGND
and the equation:
V
FB = (1.26V/ RSET)*11.2KΩ (Flash Mode)
Where 1.26V is the internal bandgap refer-
ence voltage and 11.2KΩ is an internal
resistance used to scale the R
SET current.
Typical values of R
SET are 100K to 500K for
a range of V
FB = 150mV to 30mV in Flash
mode.
The output current is then set in either Flash
or Torch mode by the equation:
I
OUT = VFB / RSENSE
OVERTEMPERATURE PROTECTION
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION
When the temperature of the SP6685 rises above 145 degrees Celsius, the over temperature
protection circuitry turns off the output switches to prevent damage to the device. If the
temperature drops back down below 135 degrees Celsius, the part automatically recovers
and executes a soft start cycle.
The SP6685 has over voltage protection. If the output voltage rises above the 4.3V threshold,
the over voltage protection shuts off all of the output switches to prevent the output voltage
from rising further. When the output decreases below 4.3V, the device resumes normal
operation
The over current protection circuitry monitors the average current out of the V
OUT = 50mV
(Torch Mode) pin. If the average output current exceeds approximately 1Amp, then the over
current protection circuitry shuts off the output switches to protect the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com