Electronic Components Datasheet Search
  English  ▼

X  

LMC6462 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC6462 Datasheet HTML 5Page - National Semiconductor (TI) LMC6462 Datasheet HTML 6Page - National Semiconductor (TI) LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) LMC6462 Datasheet HTML 10Page - National Semiconductor (TI) LMC6462 Datasheet HTML 11Page - National Semiconductor (TI) LMC6462 Datasheet HTML 12Page - National Semiconductor (TI) LMC6462 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics V
S = +5V, Single Supply, TA = 25˚C unless otherwise
specified (Continued)
Application Information
1.0 Input Common-Mode Voltage Range
The LMC6462/4 has a rail-to-rail input common-mode volt-
age range.
Figure 1 shows an input voltage exceeding both
supplies with no resulting phase inversion on the output.
The absolute maximum input voltage at V
+ = 3V is 300 mV
beyond either supply rail at room temperature. Voltages
greatly exceeding this absolute maximum rating, as in
Figure
2, can cause excessive current to flow in or out of the input
pins, possibly affecting reliability. The input current can be
externally limited to ±5 mA, with an input resistor, as shown
in
Figure 3.
Inverting Large Signal
Pulse Response
DS012051-54
Inverting Large Signal
Pulse Response
DS012051-55
Inverting Small Signal
Pulse Response
DS012051-56
Inverting Small Signal
Pulse Response
DS012051-57
Inverting Small Signal
Pulse Response
DS012051-58
DS012051-5
FIGURE 1. An Input Voltage Signal Exceeds
the LMC6462/4 Power Supply Voltage
with No Output Phase Inversion
DS012051-6
FIGURE 2. A ±7.5V Input Signal Greatly Exceeds
the 3V Supply in
Figure 3 Causing
No Phase Inversion Due to R
I
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com