Electronic Components Datasheet Search
  English  ▼

X  

LMC6462 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6462 Datasheet HTML 6Page - National Semiconductor (TI) LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) LMC6462 Datasheet HTML 10Page - National Semiconductor (TI) LMC6462 Datasheet HTML 11Page - National Semiconductor (TI) LMC6462 Datasheet HTML 12Page - National Semiconductor (TI) LMC6462 Datasheet HTML 13Page - National Semiconductor (TI) LMC6462 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application Information (Continued)
2.0 Rail-to-Rail Output
The approximated output resistance of the LMC6462/4 is
180
Ω sourcing, and 130Ω sinking at V
S = 3V, and 110Ω
sourcing and 83
Ω sinking at V
S = 5V. The maximum output
swing can be estimated as a function of load using the calcu-
lated output resistance.
3.0 Capacitive Load Tolerance
The LMC6462/4 can typically drive a 200 pF load with V
S =
5V at unity gain without oscillating. The unity gain follower is
the most sensitive configuration to capacitive load. Direct ca-
pacitive loading reduces the phase margin of op-amps. The
combination of the op-amp’s output impedance and the ca-
pacitive load induces phase lag. This results in either an un-
derdamped pulse response or oscillation.
Capacitive load compensation can be accomplished using
resistive isolation as shown in
Figure 4. If there is a resistive
component of the load in parallel to the capacitive compo-
nent, the isolation resistor and the resistive load create a
voltage divider at the output. This introduces a DC error at
the output.
Figure 5 displays the pulse response of the LMC6462/4 cir-
cuit in
Figure 4.
Another circuit, shown in
Figure 6, is also used to indirectly
drive capacitive loads. This circuit is an improvement to the
circuit shown in
Figure 4 because it provides DC accuracy as
well as AC stability. R1 and C1 serve to counteract the loss
of phase margin by feeding the high frequency component of
the output signal back to the amplifiers inverting input,
thereby preserving phase margin in the overall feedback
loop. The values of R1 and C1 should be experimentally de-
termined by the system designer for the desired pulse re-
sponse. Increased capacitive drive is possible by increasing
the value of the capacitor in the feedback loop.
The pulse response of the circuit shown in
Figure 6 is shown
in
Figure 7.
4.0 Compensating for Input Capacitance
It is quite common to use large values of feedback resis-
tance with amplifiers that have ultra-low input current, like
the LMC6462/4. Large feedback resistors can react with
small values of input capacitance due to transducers, photo-
diodes, and circuits board parasitics to reduce phase
margins.
DS012051-7
FIGURE 3. Input Current Protection for Voltages
Exceeding the Supply Voltage
DS012051-8
FIGURE 4. Resistive Isolation of
a 300 pF Capacitive Load
DS012051-9
FIGURE 5. Pulse Response of the LMC6462
Circuit Shown in
Figure 4
DS012051-10
FIGURE 6. LMC6462 Non-Inverting Amplifier,
Compensated to Handle a 300 pF Capacitive
and 100 k
Ω Resistive Load
DS012051-11
FIGURE 7. Pulse Response of
LMC6462 Circuit in
Figure 6
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com