Electronic Components Datasheet Search
  English  ▼

X  

LMC6462 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) LMC6462 Datasheet HTML 10Page - National Semiconductor (TI) LMC6462 Datasheet HTML 11Page - National Semiconductor (TI) LMC6462 Datasheet HTML 12Page - National Semiconductor (TI) LMC6462 Datasheet HTML 13Page - National Semiconductor (TI) LMC6462 Datasheet HTML 14Page - National Semiconductor (TI) LMC6462 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Information (Continued)
The effect of input capacitance can be compensated for by
adding a feedback capacitor. The feedback capacitor (as in
Figure 8 ), C
F, is first estimated by:
or
R
1 CIN ≤ R2 CF
which typically provides significant overcompensation.
Printed circuit board stray capacitance may be larger or
smaller than that of a breadboard, so the actual optimum
value for C
F may be different. The values of CF should be
checked on the actual circuit. (Refer to the LMC660 quad
CMOS amplifier data sheet for a more detailed discussion.)
5.0 Offset Voltage Adjustment
Offset voltage adjustment circuits are illustrated in
Figure 9
and
Figure 10. Large value resistances and potentiometers
are used to reduce power consumption while providing typi-
cally ±2.5 mV of adjustment range, referred to the input, for
both configurations with V
S = ±5V.
6.0 Spice Macromodel
A Spice macromodel is available for the LMC6462/4. This
model includes a simulation of:
•
Input common-mode voltage range
•
Frequency and transient response
•
GBW dependence on loading conditions
•
Quiescent and dynamic supply current
•
Output swing dependence on loading conditions
and many more characteristics as listed on the macromodel
disk.
Contact the National Semiconductor Customer Response
Center to obtain an operational amplifier Spice model library
disk.
7.0 Printed-Circuit-Board Layout
for High-Impedance Work
It is generally recognized that any circuit which must operate
with less than 1000 pA of leakage current requires special
layout of the PC board. When one wishes to take advantage
of the ultra-low input current of the LMC6462/4, typically 150
fA, it is essential to have an excellent layout. Fortunately, the
techniques of obtaining low leakages are quite simple. First,
the user must not ignore the surface leakage of the PC
board, even though it may sometimes appear acceptably
low, because under conditions of high humidity or dust or
contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring
of foil completely surrounding the LMC6462’s inputs and the
terminals of capacitors, diodes, conductors, resistors, relay
terminals, etc. connected to the op-amp’s inputs, as in
Fig-
ure 11. To have a significant effect, guard rings should be
placed in both the top and bottom of the PC board. This PC
foil must then be connected to a voltage which is at the same
voltage as the amplifier inputs, since no leakage current can
flow between two points at the same potential. For example,
a PC board trace-to-pad resistance of 10
12
Ω, which is nor-
mally considered a very large resistance, could leak 5 pA if
the trace were a 5V bus adjacent to the pad of the input. This
would cause a 30 times degradation from the LMC6462/4’s
actual performance. However, if a guard ring is held within 5
mV of the inputs, then even a resistance of 10
11
Ω would
cause only 0.05 pA of leakage current. See
Figure 12 for
typical connections of guard rings for standard op-amp
configurations.
DS012051-12
FIGURE 8. Canceling the Effect of Input Capacitance
DS012051-13
FIGURE 9. Inverting Configuration
Offset Voltage Adjustment
DS012051-14
FIGURE 10. Non-Inverting Configuration
Offset Voltage Adjustment
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com