Electronic Components Datasheet Search
  English  ▼

X  

LMC6484 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6484
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6484 Datasheet HTML 1Page - National Semiconductor (TI) LMC6484 Datasheet HTML 2Page - National Semiconductor (TI) LMC6484 Datasheet HTML 3Page - National Semiconductor (TI) LMC6484 Datasheet HTML 4Page - National Semiconductor (TI) LMC6484 Datasheet HTML 5Page - National Semiconductor (TI) LMC6484 Datasheet HTML 6Page - National Semiconductor (TI) LMC6484 Datasheet HTML 7Page - National Semiconductor (TI) LMC6484 Datasheet HTML 8Page - National Semiconductor (TI) LMC6484 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
Typ
LMC6484AI
LMC6484I
LMC6484M
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 5V
4.9
4.8
4.8
4.8
V
R
L = 2kΩ to V
+/2
4.7
4.7
4.7
min
0.1
0.18
0.18
0.18
V
0.24
0.24
0.24
max
V
+ = 5V
4.7
4.5
4.5
4.5
V
R
L = 600Ω to V
+/2
4.24
4.24
4.24
min
0.3
0.5
0.5
0.5
V
0.65
0.65
0.65
max
V
+ = 15V
14.7
14.4
14.4
14.4
V
R
L = 2kΩ to V
+/2
14.2
14.2
14.2
min
0.16
0.32
0.32
0.32
V
0.45
0.45
0.45
max
V
+ = 15V
14.1
13.4
13.4
13.4
V
R
L = 600Ω to V
+/2
13.0
13.0
13.0
min
0.5
1.0
1.0
1.0
V
1.3
1.3
1.3
max
I
SC
Output Short Circuit
Sourcing, V
O = 0V
20
16
16
16
mA
Current
12
12
10
min
V+ = 5V
Sinking, V
O = 5V
15
11
11
11
mA
9.5
9.5
8.0
min
I
SC
Output Short Circuit
Sourcing, V
O = 0V
30
28
28
28
mA
Current
22
22
20
min
V
+ = 15V
Sinking, V
O = 12V
30
30
30
30
mA
(Note 8)
24
24
22
min
I
S
Supply Current
All Four Amplifiers
2.0
2.8
2.8
2.8
mA
V
+ = +5V, V
O = V
+/2
3.6
3.6
3.8
max
All Four Amplifiers
2.6
3.0
3.0
3.0
mA
V
+ = +15V, V
O = V
+/2
3.8
3.8
4.0
max
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
Typ
LMC6484A
LMC6484I
LMC6484M
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 9)
1.3
1.0
0.9
0.9
V/µs
0.7
0.63
0.54
min
GBW
Gain-Bandwidth Product
V
+ = 15V
1.5
MHz
φ
m
Phase Margin
50
Deg
G
m
Gain Margin
15
dB
Amp-to-Amp Isolation
(Note 10)
150
dB
e
n
Input-Referred
f = 1 kHz
37
Voltage Noise
V
CM = 1V
i
n
Input-Referred
f = 1 kHz
0.03
Current Noise
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com