Electronic Components Datasheet Search
  English  ▼

X  

LMC6484 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6484
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6484 Datasheet HTML 1Page - National Semiconductor (TI) LMC6484 Datasheet HTML 2Page - National Semiconductor (TI) LMC6484 Datasheet HTML 3Page - National Semiconductor (TI) LMC6484 Datasheet HTML 4Page - National Semiconductor (TI) LMC6484 Datasheet HTML 5Page - National Semiconductor (TI) LMC6484 Datasheet HTML 6Page - National Semiconductor (TI) LMC6484 Datasheet HTML 7Page - National Semiconductor (TI) LMC6484 Datasheet HTML 8Page - National Semiconductor (TI) LMC6484 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMC6484
CMOS Quad Rail-to-Rail Input and Output Operational
Amplifier
General Description
The LMC6484 provides a common-mode range that extends
to both supply rails. This rail-to-rail performance combined
with excellent accuracy, due to a high CMRR, makes it
unique among rail-to-rail input amplifiers.
It is ideal for systems, such as data acquisition, that require
a large input signal range. The LMC6484 is also an excellent
upgrade for circuits using limited common-mode range am-
plifiers such as the TLC274 and TLC279.
Maximum dynamic signal range is assured in low voltage
and single supply systems by the LMC6484’s rail-to-rail out-
put swing. The LMC6484’s rail-to-rail output swing is guaran-
teed for loads down to 600
Ω.
Guaranteed low voltage characteristics and low power dissi-
pation make the LMC6484 especially well-suited for
battery-operated systems.
See the LMC6482 data sheet for a Dual CMOS operational
amplifier with these same features.
Features
(Typical unless otherwise noted)
n Rail-to-Rail Input Common-Mode Voltage Range
(Guaranteed Over Temperature)
n Rail-to-Rail Output Swing (within 20 mV of supply rail,
100 k
Ω load)
n Guaranteed 3V, 5V and 15V Performance
n Excellent CMRR and PSRR:
82 dB
n Ultra Low Input Current:
20 fA
n High Voltage Gain (RL = 500 kΩ):
130 dB
n Specified for 2 k
Ω and 600Ω loads
Applications
n Data Acquisition Systems
n Transducer Amplifiers
n Hand-held Analytic Instruments
n Medical Instrumentation
n Active Filter, Peak Detector, Sample and Hold, pH
Meter, Current Source
n Improved Replacement for TLC274, TLC279
3V Single Supply Buffer Circuit
Rail-to-Rail Input
DS011714-1
Rail-to-Rail Output
DS011714-3
DS011714-2
May 1999
© 1999 National Semiconductor Corporation
DS011714
www.national.com


Similar Part No. - LMC6484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484 TI-LMC6484 Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI-LMC6484 Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI2-LMC6484 Datasheet
2Mb / 50P
LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
REVISED SEPTEMBER 2024
LMC6484AIM TI-LMC6484AIM Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6484

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
New Japan Radio
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com