Electronic Components Datasheet Search
  English  ▼

X  

LMC6484 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6484
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMC6484 Datasheet HTML 10Page - National Semiconductor (TI) LMC6484 Datasheet HTML 11Page - National Semiconductor (TI) LMC6484 Datasheet HTML 12Page - National Semiconductor (TI) LMC6484 Datasheet HTML 13Page - National Semiconductor (TI) LMC6484 Datasheet HTML 14Page - National Semiconductor (TI) LMC6484 Datasheet HTML 15Page - National Semiconductor (TI) LMC6484 Datasheet HTML 16Page - National Semiconductor (TI) LMC6484 Datasheet HTML 17Page - National Semiconductor (TI) LMC6484 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application Information (Continued)
of the ultra-low input current of the LMC6484, typically less
than 20 fA, it is essential to have an excellent layout. Fortu-
nately, the techniques of obtaining low leakages are quite
simple. First, the user must not ignore the surface leakage of
the PC board, even though it may sometimes appear accept-
ably low, because under conditions of high humidity or dust
or contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring
of foil completely surrounding the LMC6484’s inputs and the
terminals of capacitors, diodes, conductors, resistors, relay
terminals, etc. connected to the op-amp’s inputs, as in
Fig-
ure 9. To have a significant effect, guard rings should be
placed in both the top and bottom of the PC board. This PC
foil must then be connected to a voltage which is at the same
voltage as the amplifier inputs, since no leakage current can
flow between two points at the same potential. For example,
a PC board trace-to-pad resistance of 10
12
Ω, which is nor-
mally considered a very large resistance, could leak 5 pA if
the trace were a 5V bus adjacent to the pad of the input. This
would cause a 250 times degradation from the LMC6484’s
actual performance. However, if a guard ring is held within 5
mV of the inputs, then even a resistance of 10
11
Ω would
cause only 0.05 pA of leakage current. See
Figure 10 for
typical connections of guard rings for standard op-amp
configurations.
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an in-
sulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort
of
using
point-to-point
up-in-the-air
wiring.
See
Figure 11.
DS011714-20
FIGURE 9. Example of Guard Ring in P.C. Board
Layout
DS011714-21
Inverting Amplifier
DS011714-22
Non-Inverting Amplifier
DS011714-23
Follower
FIGURE 10. Typical Connections of Guard Rings
DS011714-24
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board.)
FIGURE 11. Air Wiring
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com