Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 18 Page - THine Electronics, Inc.

Part # THCV217
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 18 Page - THine Electronics, Inc.

Back Button THCV217 Datasheet HTML 14Page - THine Electronics, Inc. THCV217 Datasheet HTML 15Page - THine Electronics, Inc. THCV217 Datasheet HTML 16Page - THine Electronics, Inc. THCV217 Datasheet HTML 17Page - THine Electronics, Inc. THCV217 Datasheet HTML 18Page - THine Electronics, Inc. THCV217 Datasheet HTML 19Page - THine Electronics, Inc. THCV217 Datasheet HTML 20Page - THine Electronics, Inc. THCV217 Datasheet HTML 21Page - THine Electronics, Inc. THCV217 Datasheet HTML 22Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
18
THine Electronics, Inc.
Security E
Electrical Specifications
3.3V CMOS DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
I3,I3PU
2.0
-
DVDH
V
I3L
2.0
-
DVDH
V
I3,I3PU
0
-
0.8
V
I3L
0
-
0.7
V
VOH
High Level Output Voltage
O3 IOH=-8mA
2.4
-
-
V
O3 IOL=8mA
-
-
0.4
V
OD3,I3PU IOL=4mA
-
-
0.4
V
IIH
Input Leak Current High
VIN=DVDH
-
-
±10
uA
IIL
Input Leak Current Low
VIN=0V
-
-
±10
uA
IOZH
Output Leak Current High in
High-Z state
VIN=DVDH, OE=L
-
-
±10
uA
IOZL
Output Leak Current Low in
High-Z state
VIN=0V, OE=L
-
-
±10
uA
Low Level Output Voltage
VIH
VIL
VOL
High Level Input Voltage
Low Level Input Voltage
Table 11. THCV217and THCV218 3.3V CMOS DC Specifications
CML DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTOD
CML Differential Mode Output
Voltage
PRE=L
200
300
400
mV
PRE=L
-
0
-
%
PRE=H
80
100
120
%
PRE=L
mV
PRE=H
mV
ITOH
CML Output Leak Current High PDN=H
-
-
±10
uA
ITOS
CML Output Short Circuit
Current
CAVDL=1.8V
-90
-
-
mA
PRE
CML Pre-emphasis Level
CAVDL-2×VTOD
CAVDL-VTOD
VTOC
CML Common Mode Output
Voltage
Table 12. THCV217 CML DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRTH
CML Differential Input High
Threshold
-
-
50
mV
VRTL
CML Differential Input Low
Threshold
-50
-
-
mV
IRIH
CML Input Leak Current High
PDN=L,
RX0/1=CAVDL
-
-
±10
uA
IRIL
CML Input Leak Current Low
PDN=L,RX0/1=0V
-
-
±10
uA
IRRIH
CML Input Current High
RX0/1=CAVDL
-
-
2
mA
IRRIL
CML Input Current Low
RX0/1=0V
-6
-
-
mA
RRIN
CML Differential Input
Resistance
80
100
120
Ω
Table 13. THCV218 CML DC Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com