Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 21 Page - THine Electronics, Inc.

Part # THCV217
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 21 Page - THine Electronics, Inc.

Back Button THCV217 Datasheet HTML 17Page - THine Electronics, Inc. THCV217 Datasheet HTML 18Page - THine Electronics, Inc. THCV217 Datasheet HTML 19Page - THine Electronics, Inc. THCV217 Datasheet HTML 20Page - THine Electronics, Inc. THCV217 Datasheet HTML 21Page - THine Electronics, Inc. THCV217 Datasheet HTML 22Page - THine Electronics, Inc. THCV217 Datasheet HTML 23Page - THine Electronics, Inc. THCV217 Datasheet HTML 24Page - THine Electronics, Inc. THCV217 Datasheet HTML 25Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
21
THine Electronics, Inc.
Security E
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
COL=L
294
-
1250
ps
COL=H
392
-
1667
ps
tRISK
RX0/1 Input Inter Pair Skew
Margin
-
-
15
UI
SiSo, DiDo
11.76
50.0
ns
DiSo
5.88
25.0
ns
tRCH
CLKOUT High Time
-
T/2
-
ns
tRCL
CLKOUT Low Time
-
T/2
-
ns
tDOUT
CMOS Data OUT Period
-
T
-
ns
tRS
CMOS Data Setup to CLKOUT
0.45×tRCP-0.45
-
-
ns
tRH
CMOS Data Hold to CLKOUT
0.45×tRCP-0.45
-
-
ns
PLL=H
-
3T/16
-
ns
PLL=L
-
3T/32
-
ns
Clock
-
0.7
1.0
ns
Data
-
1.4
2.0
ns
Clock
-
0.7
1.0
ns
Data
-
1.4
2.0
ns
SiSo/DiDo 8bit PLL=L
(18+5/10)×tRCP
SiSo/DiDo 10bit PLL=L
18×tRCP
SiSo/DiDo 8bit PLL=H
(16+4/10)×tRCP
SiSo/DiDo 10bit PLL=H
(15+7/10)×tRCP
DiSo 8bit
(39+5/10)×tRCP
DiSo 10bit
38t×RCP
tRPD
Power On to PDN High Delay
0
-
-
ns
tRHPD0 PDN High to HTPDN Low Delay
-
-
1
us
tRHPD1 PDN Low to HTPDN High Delay
-
-
1
us
tRPLL0
Training Pattern Input to
LOCKN Low Delay
-
-
10
ms
tRPLL1
PDN Low to LOCKN High
Delay
-
-
10
us
tRLCK0
LOCKN Low to TTL Output
Delay
-
-
5
ms
tRLCK1
LOCKN High to TTL Low-fixed
Delay
-
-
0
ns
ns
Input Data to Output Clock
Delay
tRBIT
Unit Interval
tTHL
CMOS High to Low Transition
Time
tTLH
CMOS Low to High Transition
Time
tDK
CLKOUT Delay Time
tRDC
typ.-10
typ.+10
T
tRCP
CLKOUT Period
Table 17. THCV218 Switching Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tDEH
DE=High Duration
2×tTCIP
-
-
sec
SiSo, DiDo
2×tTCIP
-
-
sec
SiDo, DiSo
4×tTCIP
-
-
sec
tDEL
DE=Low Duration
Table 18. DE requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com