Electronic Components Datasheet Search
  English  ▼

X  

THCV217 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THCV217
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THCV217 Datasheet HTML 1Page - THine Electronics, Inc. THCV217 Datasheet HTML 2Page - THine Electronics, Inc. THCV217 Datasheet HTML 3Page - THine Electronics, Inc. THCV217 Datasheet HTML 4Page - THine Electronics, Inc. THCV217 Datasheet HTML 5Page - THine Electronics, Inc. THCV217 Datasheet HTML 6Page - THine Electronics, Inc. THCV217 Datasheet HTML 7Page - THine Electronics, Inc. THCV217 Datasheet HTML 8Page - THine Electronics, Inc. THCV217 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
THCV217-THCV218_Rev.2.11_E
Copyright(C)2016 THine Electronics,Inc.
5
THine Electronics, Inc.
Security E
Pin Description
THCV217
THCV217 Pin Description
Name
Ball #
Type*
Description
TX0n,TX0p
E10,E11
CO
CML output for Lane0
TX1n,TX1p
F10,F11
CO
CML output for Lane1. Must be left OPEN when not used.
R19-R10
B8,A8,B9,A9,
B10,A10,B11,
A11,C10,C11
I3
1st pixel data inputs
G19-G10
B3,A3,B4,A4,
B5,A5,B6,
A6,B7,A7
I3
1st pixel data inputs
B19-B10
E2,E1,D2,D1,
C2,C1,B2,
B1,A2,A1
I3
1st pixel data inputs
CONT11,12
D10,D11
I3
User defined data inputs, serialized with 1st pixel data. Active only in 10bit mode.
R29-R20
K2,K1,J2,J1,
H2,H1,G2,
G1,F2,F1
I3
2nd pixel data inputs
G29-G20
K6,L6,K5,L5,
K4,L4,K3,
L3,L2,L1
I3
2nd pixel data inputs
B29-B20
H10,H11,K10,
L10,K9,L9,
K8,L8,K7,L7
I3
2nd pixel data inputs
CONT21,22
G10,G11
I3
User defined data inputs, serialized with 2nd pixel data. Active only in 10bit
mode.
DE
J11
I3
DE input
HSYNC
L11
I3
Hsync input
VSYNC
K11
I3
Vsync input
CLKIN
J10
I3
Pixel clock input
HTPDN
C8
I3L
Hot plug detect input.
Must be connected to Rx HTPDN with a 10kW pull-up resistor.
LOCKN
C9
I3L
Lock detect input.
Must be connected to Rx LOCKN with a 10kW pull-up resistor.
*type symbol
CO=CML Output
I3=3.3V CMOS input, I3L=Low speed 3.3V CMOS input
O3=3.3V CMOS output
P=1.8V power supply, P3=3.3V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com